Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7594MATR Datasheet(PDF) 19 Page - Clare, Inc.

Part # CPC7594MATR
Description  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7594MATR Datasheet(HTML) 19 Page - Clare, Inc.

Back Button CPC7594MATR Datasheet HTML 12Page - Clare, Inc. CPC7594MATR Datasheet HTML 13Page - Clare, Inc. CPC7594MATR Datasheet HTML 14Page - Clare, Inc. CPC7594MATR Datasheet HTML 15Page - Clare, Inc. CPC7594MATR Datasheet HTML 16Page - Clare, Inc. CPC7594MATR Datasheet HTML 17Page - Clare, Inc. CPC7594MATR Datasheet HTML 18Page - Clare, Inc. CPC7594MATR Datasheet HTML 19Page - Clare, Inc. CPC7594MATR Datasheet HTML 20Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
CPC7594
R03
www.clare.com
19
3.2 Printed-Circuit Board Layout
3.2.1 DFN
NOTE: As the metallic pad on the bottom of the DFN
package is connected to the substrate of the die, Clare
recommends that no printed circuit board traces or
vias be placed under this area to maintain minimum
creepage and clearance values.
3.2.2 SOIC
3.3 Tape and Reel Packaging
3.3.1 DFN
DIMENSIONS
mm
(inches)
5.80
(0.228)
0.35
(0.014)
1.05
(0.041)
0.80
(0.031)
2.00
(0.079)
1.27
(0.050)
mm
(inches)
DIMENSIONS
9.40
(0.370)
0.60
(0.024)
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
Dimensions
mm
(inches)
Embossment
Embossed
Carrier
330.2 Dia
(13.00 Dia)
Top Cover
Tape Thickness
0.102 Max
(0.004 Max)
K
0=1.61 + 0.10
(0.063 + 0.004)
B
0=7.24 + 0.10
(0.285 + 0.004)
W=16.00 + 0.30
(0.630 + 0.012)
P=12.00 + 0.10
(0.472 + 0.004)
A
0=6.24 + 0.10
(0.246 + 0.004)
Pin 1
User Direction of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com