Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC75282 Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC75282
Description  Line Card Access Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC75282 Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC75282 Datasheet HTML 7Page - Clare, Inc. CPC75282 Datasheet HTML 8Page - Clare, Inc. CPC75282 Datasheet HTML 9Page - Clare, Inc. CPC75282 Datasheet HTML 10Page - Clare, Inc. CPC75282 Datasheet HTML 11Page - Clare, Inc. CPC75282 Datasheet HTML 12Page - Clare, Inc. CPC75282 Datasheet HTML 13Page - Clare, Inc. CPC75282 Datasheet HTML 14Page - Clare, Inc. CPC75282 Datasheet HTML 15Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CPC75282
R00D
www.clare.com
11
1.11 Truth Tables
1.11.1 Operating States: CFG=0
1.11.2 Operating States: CFG=1
State
P3
P2
P1
OFFx
1
Break
Switches
Ringing
Switches
Test
Switches
Idle/Talk
0
0
0
1
ON
OFF
OFF
Test
0011
OFF
OFF
ON
Ringing
0101
OFF
ON
OFF
Test/Monitor
0111
ON
OFF
ON
Idle/Talk
1001
ON
OFF
OFF
Test/Monitor
1011
ON
OFF
ON
Ringing
1101
OFF
ON
OFF
Test Ringing
1111
OFF
ON
ON
All-Off
xxx
02
OFF
OFF
OFF
1 P1, P2, and P3 data input values are directed to a given channel when the respective LATCH
x logic signal is set to “0.”
OFFx is a per-channel control.
2 A “0” on OFF
x resets the CPC75282, the device will remain in the All-Off state until OFFx is returned to “1” and the next LATCHx signal is
applied.
3 CFG is fixed at D
GND; if CFG switches states when VDD is applied, the change will be recognized by a given channel after a LATCH low
transition is applied to that channel.
State
P3
P2
P1
OFFx
1
Break
Switches
Ringing
Switches
Test
Switches
Idle/Talk
0
0
0
1
ON
OFF
OFF
Test
0011
OFF
OFF
ON
Ringing
0101
OFF
ON
OFF
All-Off
0111
OFF
OFF
OFF
Idle/Talk
1001
ON
OFF
OFF
Test/Monitor
1011
ON
OFF
ON
Ringing
1101
OFF
ON
OFF
Test Ringing
1111
OFF
ON
ON
All-Off
xxx
02
OFF
OFF
OFF
1 P1, P2, and P3 data input values are directed to a given channel when the respective LATCH
x logic signal is set to “0.”
OFFx is a per-channel control.
2 A “0” on OFF
x resets the CPC75282, the device will remain in the All-Off state until OFFx is returned to “1” and the next LATCHx signal is
applied.
3 CFG is fixed at v
DD; if CFG switches states when VDD is applied, the change will be recognized by a given channel after a LATCH low
transition is applied to that channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com