Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA108STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LAA108STR
Description  Dual Single-Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA108STR Datasheet(HTML) 2 Page - Clare, Inc.

  LAA108STR Datasheet HTML 1Page - Clare, Inc. LAA108STR Datasheet HTML 2Page - Clare, Inc. LAA108STR Datasheet HTML 3Page - Clare, Inc. LAA108STR Datasheet HTML 4Page - Clare, Inc. LAA108STR Datasheet HTML 5Page - Clare, Inc. LAA108STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
LAA108
R02
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
Continuous 1
-I
L
-
-
300
mA
Peak
t =10ms
I
LPK
-
-
400
On-Resistance 2
I
L=300mA
R
ON
-
4.5
8
Ω
Off-State Leakage Current
V
L=100VP
I
LEAK
--
1
μA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
ON
-
0.43
3
ms
Turn-Off
t
OFF
-
0.17
3
Output Capacitance
50V, f=1MHz
C
OUT
-
110
-
pF
Input Characteristics @ 25°C
Input Control Current 3
I
L=300mA
I
F
-
0.5
2
mA
Input Dropout Current
-
-
0.2
0.3
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
μA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
1 If both poles operate simultaneously, the load current must be derated so as not to exceed the package total power dissipation value.
2 Measurement taken within one (1) second of on time.
3 For applications requiring high-temperature operation (T>60ºC), an LED drive currrent of 4mA is recommended.
Parameter
Ratings
Units
Blocking Voltage
100
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical absolute maximum ratings are at 25°C
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com