Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA717STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LCA717STR
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA717STR Datasheet(HTML) 2 Page - Clare, Inc.

  LCA717STR Datasheet HTML 1Page - Clare, Inc. LCA717STR Datasheet HTML 2Page - Clare, Inc. LCA717STR Datasheet HTML 3Page - Clare, Inc. LCA717STR Datasheet HTML 4Page - Clare, Inc. LCA717STR Datasheet HTML 5Page - Clare, Inc. LCA717STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
LCA717
R02
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Ratings
Units
Blocking Voltage
30
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
100
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mW/˚C
2 Derate Linearly 6.67 mW/˚C
Absolute Maximum Ratings (@ 25˚C)
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current, Continuous
AC/DC Configuration
-I
L
--
2.0
A
DC/Arms
DC Configuration
4.0
A
Peak Load Current
t=10ms
I
LPK
-
-
5.0
A
On-Resistance1
AC/DC Configuration
I
L=1A
R
ON
-
0.083
0.15
Ω
DC Configuration
0.023
0.04
Off-State Leakage Current
V
L=30VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
ON
-
0.92
3
ms
Turn-Off
t
OFF
0.44
3
Output Capacitance
15V; f=1MHz
C
OUT
-
100
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=1A
I
F
-
0.115
2
mA
Input Dropout Current
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
1
Measurement taken within 1 second of on-time.
Electrical Characteristics
ESD Rating (Human Body Model)
1000 Volts
ESD Rating



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com