Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCB716STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LCB716STR
Description  Single Pole OptoMOS짰 Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB716STR Datasheet(HTML) 2 Page - Clare, Inc.

  LCB716STR Datasheet HTML 1Page - Clare, Inc. LCB716STR Datasheet HTML 2Page - Clare, Inc. LCB716STR Datasheet HTML 3Page - Clare, Inc. LCB716STR Datasheet HTML 4Page - Clare, Inc. LCB716STR Datasheet HTML 5Page - Clare, Inc. LCB716STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
LCB716
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
AC/DC Configuration, Continuous
-
I
L
-
-
500
mA
DC Configuration, Continuous
-
-
-
1000
Peak
t < 10ms
I
LPK
-
-
1.2
A
On-Resistance
I
L=500mA
-
1.63
2
AC/DC Configuration
R
ON
Ω
DC Configuration
I
L=1000mA
-
0.4
0.5
Off-State Leakage Current
I
F=2mA, VL=60V
I
LEAK
--
1
μA
Output Capacitance
I
F=2mA, 50V, f=1MHz
C
OUT
-
280
-
pF
Switching Speeds
Turn-On
t
ON
-
0.58
3
I
F=5mA, VL=10V
ms
Turn-Off
t
OFF
-
0.76
3
Input Characteristics @ 25°C
Input Control Current
I
L=500mA
I
F
--
2
mA
Input Dropout Current
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
μA
Common Characteristics @ 25°C
Capacitance, Input to Output
-
C
I/O
-3-
pF
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
100
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical absolute maximum ratings are at 25°C
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com