Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX884HTTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # MX884HTTR
Description  High-Side Current Monitor With 10-Bit Serial Digital Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX884HTTR Datasheet(HTML) 3 Page - IXYS Corporation

  MX884HTTR Datasheet HTML 1Page - IXYS Corporation MX884HTTR Datasheet HTML 2Page - IXYS Corporation MX884HTTR Datasheet HTML 3Page - IXYS Corporation MX884HTTR Datasheet HTML 4Page - IXYS Corporation MX884HTTR Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MX884
3
12/20/06
MX884
IXYS
Functional Description
The MX884 converts a small voltage developed across an external sense resistor (Rs) to a 10-bit digital
output. Pin IN connects to the 3V to 60V power input. The external current sense resistor connects
between pins IN and LOAD. The nominal A/D range is 100 mV V(IN)-V(LOAD) across Rs. The A/D least
significant bit typically equals 0.1 mV across Rs. Inputs CS and SCK are TTL-level compatible, 5.5V
maximum input voltage. Inputs can be driven from CMOS microcontrollers operating at supply voltages of
2.4 to 5.5V. Serial data output pin SDO is configured as open drain, maximum 5.5V external pull-up.
SCK is used internally to clock the successive approximation register of the A/D.
Serial Timing Diagram
Preliminary
Drawing No. 088423
www.claremicronix.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com