Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1645 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR1645
Description  SWITCHMODE??Power Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR1645 Datasheet(HTML) 2 Page - Motorola, Inc

  MBR1645 Datasheet HTML 1Page - Motorola, Inc MBR1645 Datasheet HTML 2Page - Motorola, Inc MBR1645 Datasheet HTML 3Page - Motorola, Inc MBR1645 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR1635 MBR1645
2
Rectifier Device Data
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current
Figure 3. Current Derating, Case
Figure 4. Current Derating, Ambient
Figure 5. Forward Power Dissipation
0.6
0
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
100
70
20
50
10
VR, REVERSE VOLTAGE (VOLTS)
0
0.2
0.04
0.02
0.002
160
110
TC, CASE TEMPERATURE (°C)
20
10
4.0
2.0
0
TA, AMBIENT TEMPERATURE (°C)
20
0
16
12
8.0
4.0
0
40
4.0
8.0
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
16
8.0
6.0
4.0
2.0
0
6.0
7.0
5.0
3.0
0.2
0.4
0.8
10
20
30
40
0.1
0.4
1.0
120
130
140
150
60
80
160
10
20
12
14
2.0
1.0
1.0
50
4.0
2.0
10
20
100
40
200
2.0
14
16
18
10
12
SQUARE WAVE
dc
SQUARE WAVE
dc
TJ = 125°C
100
°C
25
°C
TJ = 150°C
125
°C
100
°C
30
0.01
0.004
25
°C
8.0
6.0
18
12
16
14
14
10
6.0
2.0
100
120
140
75
°C
RATED VR APPLIED
SQUARE WAVE
dc
RATED VOLTAGE APPLIED
RqJC = 1.5°C/W
RqJA = 16°C/W
(With TO–220 Heat Sink)
RqJA = 60°C/W
(No Heat Sink)
SQUARE WAVE
dc
TJ = 125°C
(CAPACITATIVE LOAD)
I
PK
I
AV
+ 5.0
10
20
(RESISTIVE LOAD)
I
PK
I
AV
+ p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com