Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH346ID Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH346ID
Description  Triple video buffer/filter for HD video applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH346ID Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH346ID Datasheet HTML 9Page - STMicroelectronics TSH346ID Datasheet HTML 10Page - STMicroelectronics TSH346ID Datasheet HTML 11Page - STMicroelectronics TSH346ID Datasheet HTML 12Page - STMicroelectronics TSH346ID Datasheet HTML 13Page - STMicroelectronics TSH346ID Datasheet HTML 14Page - STMicroelectronics TSH346ID Datasheet HTML 15Page - STMicroelectronics TSH346ID Datasheet HTML 16Page - STMicroelectronics TSH346ID Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TSH346
Using the TSH346 to drive YC, CVBS, YUV, YPbPr and RGB video components
13/18
4.1
Output capacitor
The output can be either DC- or AC-coupled, and can be directly connected to the line via a
75-
Ω resistor (4) (Figure 27). Alternatively, an output capacitor can be used to remove any
DC components in the load. Assuming a 150-
Ω load, a coupling capacitor of 220 µF can be
used to provide a very low cut-off frequency close to 5 Hz (Figure 28).
Figure 27. IDC output coupling (1 of 3 channels)
Figure 28. AC output coupling (1 of 3 channels)
1.
CS is a 100 nF used to decrease the parasitic components of C in high frequencies.
2.
The 75-
Ω resistor must be as close as possible to the output of the driver to minimize the effect of parasitic
capacitance.
75
75
cable
75
Video
DAC
+5V
TSH346
AM00828
150
C = 220 µF
+
75
cable
75
Video
DAC
150
75
CS
+5V
TSH346
AM00829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com