Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH346IDT Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH346IDT
Description  Triple video buffer/filter for HD video applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH346IDT Datasheet(HTML) 1 Page - STMicroelectronics

  TSH346IDT Datasheet HTML 1Page - STMicroelectronics TSH346IDT Datasheet HTML 2Page - STMicroelectronics TSH346IDT Datasheet HTML 3Page - STMicroelectronics TSH346IDT Datasheet HTML 4Page - STMicroelectronics TSH346IDT Datasheet HTML 5Page - STMicroelectronics TSH346IDT Datasheet HTML 6Page - STMicroelectronics TSH346IDT Datasheet HTML 7Page - STMicroelectronics TSH346IDT Datasheet HTML 8Page - STMicroelectronics TSH346IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2008
Rev 2
1/18
18
TSH346
Triple video buffer/filter for HD video applications
Features
■ 6th order filtering of 36 MHz
■ 5 V single-supply operation
■ Internal input DC level shifter
■ No input capacitor required
■ Three matched 6 dB amplifiers
■ AC or DC output-coupled
■ Very low harmonic distortion
■ Specified for 150
Ω loads
■ Minimum and maximum data is tested during
production
Applications
■ High-end video systems
■ High definition TV (HDTV)
■ Broadcast and graphic video
■ Multimedia products
Description
The TSH346 is a triple single-supply video buffer
featuring an internal gain of 6 dB and a 36 MHz
filtering for HD video outputs on 75-
Ω video lines.
The TSH346 is ideal to drive either YUV, YPbPr or
RGB signals from video DAC outputs. The main
advantage of this circuit is that its input DC level
shifter allows for video signals on 75-
Ωvideo lines
without damaging the synchronization tip of the
video signal, and with no input capacitor, while
using a single 5 V power supply. The DC level
shifter is internally fixed and optimized to keep the
output video signals between low and high output
rails. This level is as low as possible to minimize
the output DC level in the video line.
The TSH346 is available in an SO-8 plastic
package for optimum space saving.
Top View
1
R out
2
3
7
8
G out
R in
6
G in
+VCC
Pin1 identification
DC Shifter
6dB
6dB
6dB
36MHz
LPF
+
+
+
+
+
+
4
B in
5
B out
GND
36MHz
LPF
36MHz
LPF
SO-8
(plastic package)
www.st.com


Similar Part No. - TSH346IDT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH340 STMICROELECTRONICS-TSH340 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH340 STMICROELECTRONICS-TSH340 Datasheet
326Kb / 13P
320MHz Single Supply Video Buffer with Low In/Out Rail
Apr-2005
TSH340ID STMICROELECTRONICS-TSH340ID Datasheet
326Kb / 13P
320MHz Single Supply Video Buffer with Low In/Out Rail
Apr-2005
TSH340IDT STMICROELECTRONICS-TSH340IDT Datasheet
326Kb / 13P
320MHz Single Supply Video Buffer with Low In/Out Rail
Apr-2005
TSH340ILT STMICROELECTRONICS-TSH340ILT Datasheet
326Kb / 13P
320MHz Single Supply Video Buffer with Low In/Out Rail
Apr-2005
More results

Similar Description - TSH346IDT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
TSH103 STMICROELECTRONICS-TSH103 Datasheet
139Kb / 10P
Low cost triple video buffer/filter for standard video
19-Sep-2007
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
STEVAL-CCA015V1 STMICROELECTRONICS-STEVAL-CCA015V1 Datasheet
152Kb / 4P
Triple video buffer with filter for HD demonstration board based on the TSH346
11-Jun-2009
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
Audio/video buffer and four-channel SD/PS/HD video filter
12-Aug-2011
STV6440 STMICROELECTRONICS-STV6440 Datasheet
101Kb / 4P
Audio/video buffer and 6-channel SD/PS/HD video filter
12-Aug-2011
logo
AverLogic Technologies ...
AL460 AVERLOGIC-AL460 Datasheet
2Mb / 2P
High Speed Memory Buffer for HD Video Applications
logo
Analog Devices
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
logo
STMicroelectronics
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
TSH173 triple video buffer with filter for SD video
31-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com