Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP259EN Datasheet(PDF) 42 Page - Power Integrations, Inc.

Part # TOP259EN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP259EN Datasheet(HTML) 42 Page - Power Integrations, Inc.

Back Button TOP259EN Datasheet HTML 38Page - Power Integrations, Inc. TOP259EN Datasheet HTML 39Page - Power Integrations, Inc. TOP259EN Datasheet HTML 40Page - Power Integrations, Inc. TOP259EN Datasheet HTML 41Page - Power Integrations, Inc. TOP259EN Datasheet HTML 42Page - Power Integrations, Inc. TOP259EN Datasheet HTML 43Page - Power Integrations, Inc. TOP259EN Datasheet HTML 44Page - Power Integrations, Inc. TOP259EN Datasheet HTML 45Page - Power Integrations, Inc. TOP259EN Datasheet HTML 46Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Rev. F 01/09
42
TOP252-262
www.powerint.com
Typical Performance Characteristics (cont.)
1
-0.5
0
0.5
-2.5
0
20
40
60
80
100
Drain Pin Voltage (V)
-1.5
-2
-1
V
C = 5 V
Figure 66. Output Characteristics.
Figure 67. I
C vs. DRAIN Voltage.
Figure 68. C
OSS vs. DRAIN Voltage.
Figure 69. DRAIN Capacitance Power.
Figure 70. Remote OFF DRAIN Supply Current vs. Temperature.
5
0
0
2
4
6
8
10 12 14 16 18 20
Drain Voltage (V)
2
1
T
CASE = 25
C
T
CASE = 100
C
4
3
TOP262
1.82
TOP261
1.62
TOP260
1.42
TOP259
1,17
TOP258
1.00
TOP257
0.85
TOP256
0.61
TOP255
0.42
TOP254
0.32
TOP253
0.20
TOP252
0.10
Scaling Factors:
0
100
200
300
400
500
600
10
100
1000
10000
Drain Pin Voltage (V)
TOP262
1.82
TOP261
1.62
TOP260
1.42
TOP259
1.17
TOP258
1.00
TOP257
0.85
TOP256
0.61
TOP255
0.42
TOP254
0.32
TOP253
0.20
TOP252
0.10
Scaling Factors:
500
400
200
100
300
0
0
200
100
400 500 600
300
700
Drain Pin Voltage (V)
132 kHz
66 kHz
TOP262
1.82
TOP261
1.62
TOP260
1.42
TOP259
1.17
TOP258
1.00
TOP257
0.85
TOP256
0.61
TOP255
0.42
TOP254
0.32
TOP253
0.20
TOP252
0.10
Scaling Factors:
1.2
0.8
1.0
0
-50
0
-25
50
25
100
75
125 150
Junction Temperature ( C)
0.2
0.4
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com