Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP261EN Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # TOP261EN
Description  Enhanced EcoSmart, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP261EN Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button TOP261EN Datasheet HTML 26Page - Power Integrations, Inc. TOP261EN Datasheet HTML 27Page - Power Integrations, Inc. TOP261EN Datasheet HTML 28Page - Power Integrations, Inc. TOP261EN Datasheet HTML 29Page - Power Integrations, Inc. TOP261EN Datasheet HTML 30Page - Power Integrations, Inc. TOP261EN Datasheet HTML 31Page - Power Integrations, Inc. TOP261EN Datasheet HTML 32Page - Power Integrations, Inc. TOP261EN Datasheet HTML 33Page - Power Integrations, Inc. TOP261EN Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Rev. F 01/09
30
TOP252-262
www.powerint.com
+
- DC
Out
+
-
HV
PI-4975-022108
Y1-
Capacitor
C7
Isolation Barrier
Output
Rectifier
R4
R3
R11
R5
U1
C9
R22
R8
R14
D6
C10
R10
JP2
U2
U4
HS1
R17
C21
R13
R15
R21
R9
VR2
R6 D5
R7
VR1
C6
C4
C8
H52
C17
C18
R20
L3
C19
D8
C16
R12
T1
Output Filter
Capacitor
Input Filter
Capacitor
Transformer
J1
J2
X
F
D
C
S
V
Figure 50a. Layout Considerations for TOPSwitch-HX Using E-Package and Operating at 66 kHz.
+
-
HV
+
- DC
Out
PI-4976-091608
Y1-
Capacitor
C7
Isolation Barrier
T1
Output
Rectifier
R4
R3
R11
R5
J1
J2
U1
R6
D5
C6 R7
R8
C8
R22
D6
C10
R10
R9
VR2
C9
R14
VR1
HS1
C4
U2
R15
R13
R17
JP2
U4
C21
R21
R20
C19
L3
H52
D8
C16
R12
C18
C17
Output Filter
Capacitor
Input Filter
Capacitor
Transformer
X
F
D
C
S
V
Figure 50b. Layout Considerations for TOPSwitch-HX Using E-Package and Operating at 132 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com