Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

412PG0C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 412PG0C
Description  LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

412PG0C Datasheet(HTML) 3 Page - HB Electronic Components

  412PG0C Datasheet HTML 1Page - HB Electronic Components 412PG0C Datasheet HTML 2Page - HB Electronic Components 412PG0C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No./型号:412PG0C
www.ledz.com
3/3
LED SPECIFICATION
Ø Typical electrical/optical characteristic curves/光电特性曲线:
Ambient Temperature TA ()
℃
-40
0
20
0
0.5
1.0
1.5
80 90
60
40
2.0
2.5
-20
Fig.3 正向电流 Vs. 环境温度
Fig.4 相对亮度 Vs. 环境温度
Fig.2 相对亮度 Vs. 正向电流
Fig.1 正向电流 Vs. 正向电压
2.0
50
40
2.0
1.5
1.0
2.5
40
20
30
50
0.5
30
20
10
0
0
4.0
10
0
3.2
2.8
2.4
3.6
40
50
Forward Voltage(V)
IF-Forward Current (mA)
100
80
20
60
40
10
20
0
0
Ambient Temperature TA ()
℃
30
400
0
450
500
600
550
650
50
25
75
100
700
Wavelength λ(nm)
Fig.5 相对亮度 Vs. 波长



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com