Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1893CFILFT Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS1893CFILFT
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1893CFILFT Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS1893CFILFT Datasheet HTML 11Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 12Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 13Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 14Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 15Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 16Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 17Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 18Page - Integrated Device Technology ICS1893CFILFT Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 127 page
background image
Chapter 4 Operating Modes Overview
ICS1893CF, Rev. J, 08/11/09
August, 2009
15
ICS1893CF Data Sheet Rev. J - Release
Copyright © 2009, Integrated Device Technology, Inc.
All rights reserved.
4.8 Auto-MDI/MDIX Crossover (New)
The ICS1893CF includes the auto-MDI/MDIX crossover feature. In a typical CAT 5 Ethernet installation the
transmit twisted pair signal pins of the RJ45 connector are crossed over in the CAT 5 wiring to the partners
receive twisted pair signal pins and receive twisted pair to the partners transmit twisted pair. This is usually
accomplished in the wiring plant. Hubs generally wire the RJ45 connector crossed to accomplish the
crossover. Two types of CAT 5 cables (straight and crossed) are available to achieve the correct
connection. The Auto-MDI/MDIX feature automatically corrects for miss-wired installations by automatically
swapping transmit and receive signal pairs at the PHY when no link results. Auto-MDI/MDIX is automatic,
but may be disabled for test purposes using the AMDIX_EN pin or by writing MDIO register 19 Bits 9:8 in
the MDIO register. The Auto-MDI/MDIX function is independent of Auto-Negotiation and preceeds
Auto-Negotiation when enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com