Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4205 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4205
Description  1-A DC Motor Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4205 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4205 Datasheet HTML 4Page - Infineon Technologies AG TLE4205 Datasheet HTML 5Page - Infineon Technologies AG TLE4205 Datasheet HTML 6Page - Infineon Technologies AG TLE4205 Datasheet HTML 7Page - Infineon Technologies AG TLE4205 Datasheet HTML 8Page - Infineon Technologies AG TLE4205 Datasheet HTML 9Page - Infineon Technologies AG TLE4205 Datasheet HTML 10Page - Infineon Technologies AG TLE4205 Datasheet HTML 11Page - Infineon Technologies AG TLE4205 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLE 4205
Data Sheet
8
2004-02-25
Characteristics
6V <
V
S < 18 V; – 40 °C < Tj < 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
General
Open-circuit
current consumption
I
S
–
10
30
mA
active, both outputs
high
Open-circuit
current consumption
I
S
–10
100
µA
inhibit
Turn-ON dead time
ref. to
V
9 OFF/ON
t
d ON
–10
20
µs|I
1,3| < 1 A
TLE 4205
|
I
1,19| < 1 A
TLE 4205 G
Turn-OFF dead time
ref. to
V
9 OFF/ON
t
d OFF
–10
20
µs|I
1,3| < 1 A
TLE 4205
|
I
1,19| < 1 A
TLE 4205 G
Open-loop gain
G
VO
50
80
–
dB
f = 500 Hz
Inputs
Input zero voltage
V
IO
– 7.5
–
7.5
mV
R
S = 10 kΩ;
Input-voltage drift
∆V
IO/∆T
–20
30
µV/K
–
Input zero current
I
IO
–75
–
75
mA
–
Input current
I
I
– 300
–
300
nA
–
Input-current drift
∆I
I/∆T
––5nA/K
–
Input common-mode
range, positive
V
IC
––
V
S – 2
V
–
Input common-mode
range, negative
V
IC
––– 0.5
V
–
Power-supply
rejection ratio
PSSR
––200
µV/V
R
S = 10 kΩ;
Common-mode
rejection ratio
CMRR
70
80
–
dB
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com