Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4208G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4208G
Description  1-A Quad-HBD (Quad-Half-Bridge Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4208G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4208G Datasheet HTML 5Page - Infineon Technologies AG TLE4208G Datasheet HTML 6Page - Infineon Technologies AG TLE4208G Datasheet HTML 7Page - Infineon Technologies AG TLE4208G Datasheet HTML 8Page - Infineon Technologies AG TLE4208G Datasheet HTML 9Page - Infineon Technologies AG TLE4208G Datasheet HTML 10Page - Infineon Technologies AG TLE4208G Datasheet HTML 11Page - Infineon Technologies AG TLE4208G Datasheet HTML 12Page - Infineon Technologies AG TLE4208G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TLE 4208
Data Sheet
9
2004-02-27
Outputs OUT1; OUT2; OUT 3; OUT 4
Saturation Voltages
Source (upper)
I
OUT12, IOUT34 = – 0.2 A
V
SAT U
–
0.85 1.15
V
T
j = 25 °C
Source (upper)
I
OUT12, IOUT34 = – 0.4 A
V
SAT U
–
0.90 1.20
V
T
j = 25 °C
Sink (upper)
I
OUT12, IOUT34 = – 0.8 A
V
SAT U
–
1.10 1.50
V
T
j = 25 °C
Sink (lower)
I
OUT12, IOUT34 = 0.2 A
V
SAT L
–
0.15 0.23
V
T
j = 25 °C
Sink (lower)
I
OUT12, IOUT34 = 0.4 A
V
SAT L
–
0.25 0.40
V
T
j = 25 °C
Sink (lower)
I
OUT12, IOUT34 = 0.8 A
V
SAT L
–
0.45 0.75
V
T
j = 25 °C
Total Drop
I
OUT12, IOUT34 = 0.2 A
V
SAT
–1
1.4
V
V
SAT = VSAT U + VSAT L
Total Drop
I
OUT12, IOUT34 = 0.4 A
V
SAT
–1.2
1.7
V
V
SAT = VSAT U + VSAT L
Total Drop
I
OUT12, IOUT34 = 0.8 A
V
SAT
–1.6
2.5
V
V
SAT = VSAT U + VSAT L
Clamp Diodes
Forward voltage; upper
V
FU
–1
1.5
V
I
F = 0.4 A
Upper leakage current
I
LKU
––
5
mA
I
F = 0.4 A
1)
Forward voltage; lower
V
FL
–0.9
1.4
V
I
F = 0.4 A
Notes see page 11.
Electrical Characteristics (cont’d)
8 V <
V
S12 = VS34 < 18 V; INH12 = INH34 = HIGH; IOUT1-4 = 0 A; – 40 °C < Tj < 150 °C;
unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com