Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7368G
Description  Next Generation Micro Controller Supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7368G Datasheet HTML 5Page - Infineon Technologies AG TLE7368G Datasheet HTML 6Page - Infineon Technologies AG TLE7368G Datasheet HTML 7Page - Infineon Technologies AG TLE7368G Datasheet HTML 8Page - Infineon Technologies AG TLE7368G Datasheet HTML 9Page - Infineon Technologies AG TLE7368G Datasheet HTML 10Page - Infineon Technologies AG TLE7368G Datasheet HTML 11Page - Infineon Technologies AG TLE7368G Datasheet HTML 12Page - Infineon Technologies AG TLE7368G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Data Sheet
9
Rev. 1.1, 2007-11-08
TLE7368
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Stand-by Regulator Input IN_STBY
4.1.1
Voltage
V
IN_STBY
-0.3
45
V
–
4.1.2
Current
I
IN_STBY
–
–
A
Limited internally
Selection Input SEL_STBY
4.1.3
Voltage
V
SEL_STBY
-0.3
5.5
V
–
4.1.4
Voltage
V
SEL_STBY
-0.3
6.2
V
t < 10 s2)
4.1.5
Current
I
SEL_STBY
–
–
A
Limited internally
Buck Regulator Inputs IN
4.1.6
Voltage
V
IN
V
SW - 0.3
45
V
–
4.1.7
Voltage
V
IN
-0.3
45
V
–
4.1.8
Current
I
IN
–
–
A
Limited internally
Watchdog Input WDI
4.1.9
Voltage
V
WDI
-0.3
5.5
V
–
4.1.10
Voltage
V
WDI
-0.3
6.2
V
t < 10 s2)
4.1.11
Current
I
WDI
–
–
A
Limited internally
Watchdog Output WDO
4.1.12
Voltage
V
WDO
-0.3
5.5
V
–
4.1.13
Voltage
V
WDO
-0.3
6.2
V
t < 10 s2)
4.1.14
Current
I
WDO
–
–
A
Limited internally
Charge Pump Positive C<1+, 2+>
4.1.15
Voltage
V
C<1+, 2+>
-0.3
18
V
–
4.1.16
Current
I
C<1+, 2+>
––
mA
–
Charge Pump Negative C<1-, 2->
4.1.17
Voltage
V
C<1-, 2->
-0.3
5.5
V
–
4.1.18
Current
I
C<1-, 2->
––
mA
–
Charge Pump Output CCP
4.1.19
Voltage
V
CCP
-0.3
18
V
–
4.1.20
Current
I
CCP
––
mA
–
Reset Output RO_1
4.1.21
Voltage
V
RO_1
-0.3
5.5
V
–
4.1.22
Voltage
V
RO_1
-0.3
6.2
V
t < 10 s2)
4.1.23
Current
I
RO_1
–
–
A
Limited internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com