Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8261E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8261E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8261E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8261E Datasheet HTML 5Page - Infineon Technologies AG TLE8261E Datasheet HTML 6Page - Infineon Technologies AG TLE8261E Datasheet HTML 7Page - Infineon Technologies AG TLE8261E Datasheet HTML 8Page - Infineon Technologies AG TLE8261E Datasheet HTML 9Page - Infineon Technologies AG TLE8261E Datasheet HTML 10Page - Infineon Technologies AG TLE8261E Datasheet HTML 11Page - Infineon Technologies AG TLE8261E Datasheet HTML 12Page - Infineon Technologies AG TLE8261E Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Data Sheet
9
Rev. 1.0, 2009-03-31
TLE8261E
Pin Configuration
27
n.c.
Not connected
28
n.c.
Not connected
29
n.c.
Not connected
30
n.c.
Not connected
31
GND
Ground
32
n.c.
Not connected
33
n.c
not connected
34
WK
Monitoring / Wake-Up Input; bi-level sensitive input used to monitor signals
coming from, for example, an external switch panel; also used as wake-up input;
35
Limp Home
Fail-Safe Function Output; Open drain. Active LOW.
36
Test
SBC SW Development Mode entry; Connect to GND for activation; Integrated pull-
up resistor. Connect to
V
S or leave open for normal operation.
EDP
-
Exposed Die Pad; For cooling purposes only, do not use it as an electrical ground.1)
1) The exposed die pad at the bottom of the package allows better dissipation of heat from the SBC via the PCB. The exposed
die pad is not connected to any active part of the IC and can be left floating or it can be connected to GND for the best EMC
performance.
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com