Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8264E Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8264E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8264E Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8264E Datasheet HTML 18Page - Infineon Technologies AG TLE8264E Datasheet HTML 19Page - Infineon Technologies AG TLE8264E Datasheet HTML 20Page - Infineon Technologies AG TLE8264E Datasheet HTML 21Page - Infineon Technologies AG TLE8264E Datasheet HTML 22Page - Infineon Technologies AG TLE8264E Datasheet HTML 23Page - Infineon Technologies AG TLE8264E Datasheet HTML 24Page - Infineon Technologies AG TLE8264E Datasheet HTML 25Page - Infineon Technologies AG TLE8264E Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
Data Sheet
22
Rev. 1.0, 2009-03-31
TLE8264E
General Product Characteristics
Sleep Mode
5.4.5
Current consumption, all
Wake Up Sources
available.
I
VS_sleep_
SBC
–
28
40
µA
SBC Sleep Mode;
T
j = 25°C
V
s = 13.5 V;
V
CC1µC/2/3“OFF”
CAN/LIN wake capable;
32
50
Tj = 85°C
1)
5.4.6
Quiescent Current
Reduction when one
Wake Capable LIN Cell
Disabled
I
VS_sleep_
LIN
0.5
1
–
µA
1)SBC Sleep Mode;
T
j = 25°C;
VS = 13.5 V;
V
CC1µC/2/3“OFF”
CAN/LIN 1_2 wake
capable; LIN3 OFF
5.4.7
Quiescent Current
Reduction when Wake
Capable CAN Cell
Disabled
I
VS_sleep_
CAN
512
–
µA
1)SBC Sleep Mode;
T
j = 25°C;
V
S = 13.,5 V;
V
CC1µC/2/3“OFF”
LIN 1..3 wake capable;
CAN OFF
1) Not subject to production test; specified by design
5.4
Current Consumption (cont’d)
V
S = 5.5 V to 28 V; all outputs open; Without VCC3; Tj = -40 °C to +150 °C; all voltages with respect to ground;
positive current defined flowing into pin; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com