Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8366EV33 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE8366EV33
Description  1.8A DC/DC Step-Down Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8366EV33 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE8366EV33 Datasheet HTML 4Page - Infineon Technologies AG TLE8366EV33 Datasheet HTML 5Page - Infineon Technologies AG TLE8366EV33 Datasheet HTML 6Page - Infineon Technologies AG TLE8366EV33 Datasheet HTML 7Page - Infineon Technologies AG TLE8366EV33 Datasheet HTML 8Page - Infineon Technologies AG TLE8366EV33 Datasheet HTML 9Page - Infineon Technologies AG TLE8366EV33 Datasheet HTML 10Page - Infineon Technologies AG TLE8366EV33 Datasheet HTML 11Page - Infineon Technologies AG TLE8366EV33 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data sheet
8
Rev. 1.0, 2009-05-18
TLE8366
Buck Regulator
An internal temperature sensor detects the temperature of the device, it will be switched off if the junction
temperature exceeds 175 °C.
The error Flip flop is set by the Schmitt Trigger 1 and will be reset by one of these signals. This will close the NOR1
gate and shutdown the pulse. The bootstrap capacitor monitoring is connected directly to the NOR1 gate.
The bootstrap under-voltage shutdown is created by the BDS UV comparator, which compares the bootstrap
capacitor voltage to a reference level. If the bootstrap capacitor voltage is too low, the pulse will be shut down.
PWM pulses are passing through the NOR 1 gate. In case if one of the mentioned failures will occur this gate will
be closed and the pulse switched immediately off.
The PWM Flip-Flop is set by NAND2, which combines the clock from the Schmitt Trigger 1 with the output from
NOR1. The PWM Flip-Flop is reset by the output of the NOR1.
5.1.1.3
Internal Power Stage
The gate driver consists of the Gate driver itself, an inverter for the PWM signal and the gate driver supply. The
gate Driver Supply is connected over pin BDS to the BDS capacitor. A charge pump is integrated to support the
gate drive in cases of low input voltage, small differential voltage between input supply and output voltage and
during start up. To minimize emissions the charge pump is switched off if the input voltage is high enough to charge
the bootstrap capacitor.
5.1.2
Operation Mode
The PWM pulses are voltage controlled. The error amplifier and the PWM comparator are creating the PWM
pulses using the oscillator saw-tooth signal and the feedback voltage. The pulse-width modulation is done so that
the feedback voltage (at pin FB for the adjustable version) is similar to the reference voltage (0.6 V).
Between input voltages from 8.0 to 36 V the integrated feed forward path provides a fast line transient rejection.
(feed-forward means sensing the input voltage and react on fluctuations before they influence the output)
To achieve a stable output voltage even under low duty cycle conditions (light load down to zero output load and/or
high input voltage) a pulse skipping mode is implemented. Pulse skipping is also used for operation with low supply
voltages leading to duty cycles > 92%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com