Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8203E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE8203E
Description  Mirror Power IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8203E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE8203E Datasheet HTML 5Page - Infineon Technologies AG TLE8203E Datasheet HTML 6Page - Infineon Technologies AG TLE8203E Datasheet HTML 7Page - Infineon Technologies AG TLE8203E Datasheet HTML 8Page - Infineon Technologies AG TLE8203E Datasheet HTML 9Page - Infineon Technologies AG TLE8203E Datasheet HTML 10Page - Infineon Technologies AG TLE8203E Datasheet HTML 11Page - Infineon Technologies AG TLE8203E Datasheet HTML 12Page - Infineon Technologies AG TLE8203E Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Final Data Sheet
9
Rev. 1.0, 2009-02-04
TLE 8203E
Monitoring Functions
5
Monitoring Functions
5.1
Power Supply Monitoring
The power supply Voltage
V
S is monitored for over- and under-voltage.
•
Under Voltage
If the supply voltage
V
S drops below the switch off voltage VUV OFF, all output transistors are switched off and
the power supply fail bit PSF is set. The error is not latched, i.e. if
V
S rises again and reaches the switch on
voltage
V
UV ON, the power stages are restarted and the error bit is reset.
•
Over Voltage
If the supply voltage
V
S rises above the switch off voltage VOV OFF, all output transistors are switched off and
the power supply fail bit (bit 7 of the SPI diagnosis word) is set. The error is not latched, i.e. if
V
S falls again
and reaches the switch on voltage
V
OV ON, the power stages are restarted and the error is reset.
5.1.1
Characteristics Power Supply Monitoring
5.2
Temperature Monitoring
Temperature sensors are integrated in the power stages. The temperature monitoring circuit compares the
measured temperature to the warning and shutdown thresholds. If one or more temperature sensors reach the
warning temperature, the temperature warning bit TW is set to HIGH. This bit is not latched (i.e. if the temperature
falls below the warning threshold (with hysteresis), the TW bit is reset to LOW again).
If one or more temperature sensors reach the shut-down temperature, the outputs are shut down as described in
the next paragraph and the temperature shut-down bit TSD is set to HIGH. The shutdown is latched (i.e. the output
stages remain off and the TSD bit set high until a SRR command is sent or a power-on reset is performed).
If one or more temperature sensors reaches the shutdown threshold, all outputs are switched off.
Electrical Characteristics: Power Supply Monitoring
T
j = -40 °C to +150 °C; INH = High; all outputs open, all voltages with respect to ground, positive current flowing
into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.1.1
UV-Switch-ON voltage
V
UVON
––
5.2
V
V
S increasing
5.1.2
UV-Switch-OFF voltage
V
UVOFF
4.0
–
5.0
V
V
S decreasing
5.1.3
UV-ON/OFF-Hysteresis
V
UVHY
–0.25
–
V
V
UVON - VUVOFF
5.1.4
OV-Switch-OFF voltage
V
OVOFF
21
–
25
V
V
S increasing
5.1.5
OV-Switch-ON voltage
V
OVON
20
–
24
V
V
S decreasing
5.1.6
OV-ON/OFF-Hysteresis
V
OVHY
0.5
1
–
V
V
OVOFF - VOVON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com