Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MBR2045CT
Description  SWITCHMODE?? Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR2045CT Datasheet(HTML) 2 Page - Motorola, Inc

  MBR2045CT Datasheet HTML 1Page - Motorola, Inc MBR2045CT Datasheet HTML 2Page - Motorola, Inc MBR2045CT Datasheet HTML 3Page - Motorola, Inc MBR2045CT Datasheet HTML 4Page - Motorola, Inc MBR2045CT Datasheet HTML 5Page - Motorola, Inc MBR2045CT Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR2035CT MBR2045CT
2
Rectifier Device Data
Figure 1. Maximum Forward Voltage
1.2
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
70
5.0
10
3.0
5.0
15
0
VR, REVERSE VOLTAGE (VOLTS)
10
1.0
0.1
0.01
0.001
NUMBER OF CYCLES AT 60 Hz
10
1.0
200
100
50
30
20
3.0
10
1.0
0.6
0.2
0.4
0.8
1.0
1.4
20
30
25
100
2.0
100
70
2.0
20
0.1
0.5
0.7
30
7.0
0.3
50
35
40
50
45
TJ = 150°C
Figure 2. Typical Forward Voltage
Figure 3. Maximum Reverse Current
Figure 4. Maximum Surge Capability
7.0
5.0
30
20
70
50
TJ = 150°C
125
°C
100
°C
75
°C
25
°C
0.2
1.2
vF, INSTANTANEOUS VOLTAGE (VOLTS)
100
70
5.0
10
3.0
1.0
0.6
0.2
0.4
0.8
1.0
1.4
2.0
20
0.1
0.5
0.7
30
7.0
0.3
50
TJ = 150°C
0.2
100
°C
25
°C
100
°C
25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com