Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM6156 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6156
Description  5V 120mA Automotive LDO Regulator with Watchdog
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6156 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6156 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
R
EM6156
Copyright
© 2007, EM Microelectronic-Marin SA
06/07 – rev.A
2
www.emmicroelectronic.com
Block Diagram
Fig. 2
Pin Assignment
Description
SO8
Exposed
Pad
Name
Function
1
VDD
Watchdog power supply
2
WDI
Watchdog timer clear input signal
3
VSS
Ground terminal
4
VIN
Voltage regulator input
5
NC
Not connected
6
VOUT
Voltage regulator output
7
RESET
RESET Output (Push-pull)
8
RESET
RESET
Output
Exposed pad
Can be connected to VSS or left floating
Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com