Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP5358HUI Datasheet(PDF) 2 Page - Enpirion, Inc.

Part # EP5358HUI
Description  500mA Synchronous Buck Regulator with Integrated Inductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358HUI Datasheet(HTML) 2 Page - Enpirion, Inc.

  EP5358HUI Datasheet HTML 1Page - Enpirion, Inc. EP5358HUI Datasheet HTML 2Page - Enpirion, Inc. EP5358HUI Datasheet HTML 3Page - Enpirion, Inc. EP5358HUI Datasheet HTML 4Page - Enpirion, Inc. EP5358HUI Datasheet HTML 5Page - Enpirion, Inc. EP5358HUI Datasheet HTML 6Page - Enpirion, Inc. EP5358HUI Datasheet HTML 7Page - Enpirion, Inc. EP5358HUI Datasheet HTML 8Page - Enpirion, Inc. EP5358HUI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
©Enpirion 2009 all rights reserved, E&OE
2
www.enpirion.com
Ordering Information
Part Number
Comment
Package
EP5358LUI
LOW VID Range
16-pin QFN T&R
EP5358HUI
HIGH VID Range
16-pin QFN T&R
EP5358LUI-E
EP5358LUI Evaluation Board
EP5358HUI-E
EP5358HUI Evaluation Board
Pin Assignments (Top View)
PVIN
AVIN
ENABLE
VS0
VS1
VS2
NC(SW)
PGND
PGND
VFB
VSENSE
AGND
3
1
4
2
6
5
16
15
78
12
11
13
10
9
14
Figure 3: EP5358LUI Pin Out Diagram (Top View)
PVIN
AVIN
ENABLE
VS0
VS1
VS2
NC(SW)
PGND
PGND
NC
VSENSE
AGND
3
1
4
2
6
5
16
15
78
12
11
13
10
9
14
Figure 4: EP5358HUI Pin Out Diagram (Top View)
Pin Description
PIN
NAME
FUNCTION
1, 15,
16
NC(SW)
NO CONNECT – These pins are internally connected to the common switching node of the
internal MOSFETs. NC (SW) pins are not to be electrically connected to any external signal,
ground, or voltage. However, they must be soldered to the PCB. Failure to follow this
guideline may result in part malfunction or damage to the device.
2,3
PGND
Power ground. Connect this pin to the ground electrode of the Input and output filter
capacitors.
4
VFB/NC
EP5358LUI: Feed back pin for external divider option.
EP5358HUI: No Connect
5
VSENSE
Sense pin for preset output voltages. Refer to application section for proper configuration.
6
AGND
Analog ground. This is the quiet ground for the internal control circuitry, and the ground
return for external feedback voltage divider
7, 8
VOUT
Regulated Output Voltage. Refer to application section for proper layout and decoupling.
9, 10,
11
VS2, VS1,
VS0
Output voltage select. VS2 = pin 9, VS1 = pin 10, VS0 = pin 11.
EP5358LUI: Selects one of seven preset output voltages or an external resistor divider.
EP5358HUI: Selects one of eight preset output voltages.
(Refer to section on output voltage select for more details.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com