Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2012 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA2012
Description  2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2012 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA2012 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUA2012
DS2012 Ver 1.3 May 2009
1
2.7-W/CH Stereo Filter-less Class-D
Audio Power Amplifier
DESCRIPTION
The EUA2012 is a high efficiency, 2.7W/channel stereo
class-D audio power amplifier. A low noise, filterless
PWM architecture eliminates the output filter, requiring
only two external components for operation.
Operating from a single 5V supply, EUA2012 is capable of
delivering 2.7W/ channel of continuous output power to a
4Ω load with 10% THD+N.
The EUA2012 features independent shutdown controls for
each channel. The gain can be selected to 6, 12, 18, or 24
dB utilizing the G0 and G1 gain select pins. High PSRR
and differential architecture provide increased immunity to
noise and RF rectification.
The EUA2012 is available in space-saving WCSP, TQFN
and TSSOP packages, is an idea choice for mobile phones
and other portable communication devices.
Typical Application Circuit
FEATURES
Unique Modulation Scheme Reduces EMI Emission
Output Power By TQFN Package
- 3.2W/Ch Into 3Ω at 5V
- 2.7W/Ch Into 4Ω at 5V
- 1.6W/Ch Into 8Ω at 5V
- 800mW/Ch Into 8Ω at 3.6V
Only Two External components Required
Wide Supply Voltage: 2.5V to 5.5V
Independent Shutdown Control for Each Channel
Selectable Gain of 6,12,18 and 24 dB
Internal Pulldown Resistor On Shutdown Pins
High PSRR :74dB at 217Hz
Fast 10ms Startup Time
Low 5mA Quiescent Current at 3.6V Supply and
1.5µA Shutdown Current
Thermal Protection
Space Saving Packages
-
4mm
× 4mm TQFN-20 package
-
2mm
× 2mm WCSP-16 package
-
TSSOP-20 package
RoHS Compliant and 100% Lead(Pb)-Free
APPLICATIONS
Wireless or Cellular Handsets and PDAs
Portable Audios
Notebook PC
Figure1.


Similar Part No. - EUA2012

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
More results

Similar Description - EUA2012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Eutech Microelectronics...
EUA2012A EUTECH-EUA2012A Datasheet
159Kb / 1P
2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
3.3W/CH Stereo Class D Audio Power Amplifier
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com