Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA2012A Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA2012A
Description  2.5-W/CH Stereo Filter-less Class-D Audio Power Amplifier with Auto-Recovery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA2012A Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA2012A Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUA2012A
DS2012A Ver 1.1 Sep. 2009
1
2.5-W/CH Stereo Filter-less Class-D
Audio Power Amplifier with Auto-Recovery
DESCRIPTION
The EUA2012A is a high efficiency, 2.5W/channel stereo
class-D audio power amplifier. A low noise, filterless
PWM architecture eliminates the output filter, requiring
only two external components for operation.
Operating from a single 5V supply, EUA2012A is capable
of delivering 2.5W/ channel of continuous output power to
a 4Ω load with 10% THD+N.
The EUA2012A features independent shutdown controls
for each channel. The gain can be selected to 6, 12, 18, or
24 dB utilizing the G0 and G1 gain select pins. High PSRR
and differential architecture provide increased immunity to
noise and RF rectification.
The EUA2012A is available in space-saving WCSP and
TQFN packages, is an idea choice for mobile phones and
other portable communication devices.
Typical Application Circuit
FEATURES
Low EMI Emission
Output Power By TQFN Package
- 2.5W/Ch Into 4Ω at 5V
- 1.6W/Ch Into 8Ω at 5V
- 800mW/Ch Into 8Ω at 3.6V
Wide Supply Voltage: 2.5V to 5.5V
Independent Shutdown Control for Each Channel
Selectable Gain of 6,12,18 and 24 dB
High PSRR :63dB at 217Hz
Fast 34ms Startup Time
Low 5mA Quiescent Current at 3.6V Supply and
1.5µA Shutdown Current
Short-Circuit Auto-Recovery and Thermal Protection
Space Saving Packages
-
4mm
× 4mm TQFN-20 package
-
2mm
× 2mm WCSP-16 package
RoHS Compliant and 100% Lead(Pb)-Free,
Halogen-Free
APPLICATIONS
Wireless or Cellular Handsets and PDAs
Portable Audios
Notebook PC
Figure1.


Similar Part No. - EUA2012A

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
More results

Similar Description - EUA2012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Texas Instruments
TPA2036D1 TI-TPA2036D1 Datasheet
774Kb / 24P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Texas Instruments
TPA2036D1 TI1-TPA2036D1_11 Datasheet
756Kb / 24P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2036D1 TI1-TPA2036D1_15 Datasheet
1Mb / 24P
2.5-W MONO CLASS-D AUDIO AMPLIFIER WITH AUTO-RECOVERY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com