Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9G45 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SAM9G45
Description  AT91 ARM Thumb-based Microcontrollers
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G45 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SAM9G45 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G45 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
2
6438CS–ATARM–13-Oct-09
AT91SAM9G45
1.
Description
The ARM926EJ-S based AT91SAM9G45 features the frequently demanded combination of user
interface functionality and high data rate connectivity, including LCD Controller, resistive touch-
screen, camera interface, audio, Ethernet 10/100 and high speed USB and SDIO. With the pro-
cessor running at 400MHz and multiple 100+ Mbps data rate peripherals, the AT91SAM9G45
has the performance and bandwidth to the network or local storage media to provide an ade-
quate user experience.
The AT91SAM9G45 supports the latest generation of DDR2 and NAND Flash memory inter-
faces for program and data storage. An internal 133 MHz multi-layer bus architecture associated
with 37 DMA channels, a dual external bus interface and distributed memory including a 64-
KByte SRAM which can be configured as a tightly coupled memory (TCM) sustains the high
bandwidth required by the processor and the high speed peripherals.
The I/Os support 1.8V or 3.3V operation, which are independently configurable for the memory
interface and peripheral I/Os. This feature completely eliminates the need for any external level
shifters. In addition it supports 0.8 ball pitch package for low cost PCB manufacturing.
The AT91SAM9G45 power management controller features efficient clock gating and a battery
backup section minimizing power consumption in active and standby modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com