Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny10 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATtiny10
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny10 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATtiny10 Datasheet HTML 2Page - ATMEL Corporation ATtiny10 Datasheet HTML 3Page - ATMEL Corporation ATtiny10 Datasheet HTML 4Page - ATMEL Corporation ATtiny10 Datasheet HTML 5Page - ATMEL Corporation ATtiny10 Datasheet HTML 6Page - ATMEL Corporation ATtiny10 Datasheet HTML 7Page - ATMEL Corporation ATtiny10 Datasheet HTML 8Page - ATMEL Corporation ATtiny10 Datasheet HTML 9Page - ATMEL Corporation ATtiny10 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
8127CS–AVR–10/09
ATtiny4/5/9/10
4. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
0x3F
SREG
I
T
H
S
V
N
Z
C
Page 12
0x3E
SPH
Stack Pointer High Byte
Page 12
0x3D
SPL
Stack Pointer Low Byte
Page 12
0x3C
CCP
CPU Change Protection Byte
Page 12
0x3B
RSTFLR
–
–
–
–WDRF
–
EXTRF
PORF
Page 34
0x3A
SMCR
–
–
–
–
SM2
SM1
SM0
SE
Page 25
0x39
OSCCAL
Oscillator Calibration Byte
Page 21
0x38
Reserved
–
–
–
–
–
–
–
–
0x37
CLKMSR
–
–
–
–
–
–
CLKMS1
CLKMS0
Page 21
0x36
CLKPSR
–
–
–
–
CLKPS3
CLKPS2
CLKPS1
CLKPS0
Page 22
0x35
PRR
–
–
–
–
–
–
PRADC
PRTIM0
Page 26
0x34
VLMCSR
VLMF
VLMIE
–
–
–
VLM2
VLM1
VLM0
Page 33
0x33
NVMCMD
–
–
NVM Comman
Page 115
0x32
NVMCSR
NVMBSY
–
–
–
–
–
–
–
Page 115
0x31
WDTCSR
WDIF
WDIE
WDP3
–
WDE
WDP2
WDP1
WDP0
Page 32
0x30
Reserved
–
–
–
–
–
–
–
–
0x2F
GTCCR
TSM
–
–
–
–
–
–PSR
Page 79
0x2E
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
–
–
WGM01
WGM00
Page 73
0x2D
TCCR0B
ICNC0
ICES0
–
WGM03
WGM02
CS02
CS01
CS00
Page 75
0x2C
TCCR0C
FOC0A
FOC0B
–
–
–
–
–
–
Page 76
0x2B
TIMSK0
–
–ICIE0
–
–
OCIE0B
OCIE0A
TOIE0
Page 78
0x2A
TIFR0
–
–ICF0
–
–
OCF0B
OCF0A
TOV0
Page 79
0x29
TCNT0H
Timer/Counter0 – Counter Register High Byte
Page 77
0x28
TCNT0L
Timer/Counter0 – Counter Register Low Byte
Page 77
0x27
OCR0AH
Timer/Counter0 – Compare Register A High Byte
Page 77
0x26
OCR0AL
Timer/Counter0 – Compare Register A Low Byte
Page 77
0x25
OCR0BH
Timer/Counter0 – Compare Register B High Byte
Page 77
0x24
OCR0BL
Timer/Counter0 – Compare Register B Low Byte
Page 77
0x23
ICR0H
Timer/Counter0 - Input Capture Register High Byte
Page 78
0x22
ICR0L
Timer/Counter0 - Input Capture Register Low Byte
Page 78
0x21
Reserved
–
–
–
–
–
–
–
–
0x20
Reserved
–
–
–
–
–
–
–
–
0x1F
ACSR
ACD
–
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
Page 81
0x1E
Reserved
–
–
–
–
–
–
–
–
0x1D
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
Page 93
0x1C
ADCSRB
–
–
–
–
–
ADTS2
ADTS1
ADTS0
Page 94
0x1B
ADMUX
–
–
–
–
–
–
MUX1
MUX0
Page 93
0x1A
Reserved
–
–
–
–
–
–
–
–
0x19
ADCL
ADC Conversion Result
Page 95
0x18
Reserved
–
–
–
–
–
–
–
–
0x17
DIDR0
–
–
–
–
ADC3D
ADC2D
ADC1D
ADC0D
Page 82, Page 95
0x16
Reserved
–
–
–
–
–
–
–
–
0x15
EICRA
–
–
–
–
–
–
ISC01
ISC00
Page 37
0x14
EIFR
–
–
–
–
–
–
–
INTF0
Page 38
0x13
EIMSK
–
–
–
–
–
–
–
INT0
Page 38
0x12
PCICR
–
–
–
–
–
–
–
PCIE0
Page 39
0x11
PCIFR
–
–
–
–
–
–
–PCIF0
Page 39
0x10
PCMSK
–
–
–
–
PCINT3
PCINT2
PCINT1
PCINT0
Page 39
0x0F
Reserved
–
–
–
–
–
–
–
–
0x0E
Reserved
–
–
–
–
–
–
–
–
0x0D
Reserved
–
–
–
–
–
–
–
–
0x0C
PORTCR
–
–
–
–
–
–
BBMB
–
Page 50
0x0B
Reserved
–
–
–
–
–
–
–
–
0x0A
Reserved
–
–
–
–
–
–
–
–
0x09
Reserved
–
–
–
–
–
–
–
–
0x08
Reserved
–
–
–
–
–
–
–
–
0x07
Reserved
–
–
–
–
–
–
–
–
0x06
Reserved
–
–
–
–
–
–
–
–
0x05
Reserved
–
–
–
–
–
–
–
–
0x04
Reserved
–
–
–
–
–
–
–
–
0x03
PUEB
–
–
–
–
PUEB3
PUEB2
PUEB1
PUEB0
Page 50
0x02
PORTB
–
–
–
–
PORTB3
PORTB2
PORTB1
PORTB0
Page 51
0x01
DDRB
–
–
–
–
DDRB3
DDRB2
DDRB1
DDRB0
Page 51
0x00
PINB
–
–
–
–
PINB3
PINB2
PINB1
PINB0
Page 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com