Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9WT821 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # C9WT821
Description  White & Warm colored SMT package High CRI PKG
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

C9WT821 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button C9WT821 Datasheet HTML 2Page - Seoul Semiconductor C9WT821 Datasheet HTML 3Page - Seoul Semiconductor C9WT821 Datasheet HTML 4Page - Seoul Semiconductor C9WT821 Datasheet HTML 5Page - Seoul Semiconductor C9WT821 Datasheet HTML 6Page - Seoul Semiconductor C9WT821 Datasheet HTML 7Page - Seoul Semiconductor C9WT821 Datasheet HTML 8Page - Seoul Semiconductor C9WT821 Datasheet HTML 9Page - Seoul Semiconductor C9WT821 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SSC-QP-7-07-24 (Rev.00)
Rev. 01
Rev. 01
October 2009
October 2009
www.
www.acriche
acriche.com
.com
5. Reliability Test
0/22
3 Time
1KV at 1.5kΩ; 100pF
MIL-STD-
883D
ESD(HBM)
0/22
1000 Hours
T
a =-40
o
C, I
F =60mA
Internal
Reference
Low Temperature
Life Test
0/22
1000 Hours
T
a =85
o
C, I
F =60mA
Internal
Reference
High Temperature
Life Test
0/22
500
Hours
T
a =60
o
C, RH=90%, I
F =60mA
Internal
Reference
High Temperature
High Humidity Life
Test
0/22
1000 Hours
T
a =25
o
C, I
F =60mA
Internal
Reference
Operating
Endurance Test
0/22
1000 Hours
T
a =-40
o
C
EIAJ
ED-4701
Low Temperature
Storage
0/22
1000 Hours
T
a =60
o
C, RH=90%
EIAJ
ED-4701
High Temp. High
Humidity Storage
0/22
1000 Hours
T
a =100
o
C
EIAJ
ED-4701
High Temperature
Storage
0/22
1000
Cycle
T
a =-40
o
C(30min) ~
100oC(30min)
EIAJ
ED-4701
Thermal Shock
Number
of
Damaged
Duration /
Cycle
Test Conditions
Reference
Item
-
LSL*2 × 0.5
I
F =60mA
(20mA per die)
I
V
Luminous Intensity
USL*1 × 1.2
-
I
F =60mA
(20mA per die)
V
F
Forward Voltage
MAX
MIN
Criteria for Judgment
Condition
Symbol
Item
□ CRITERIA FOR JUDGING THE DAMAGE
Note : *1 USL : Upper Standard Level
*2 LSL : Lower Standard Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com