Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT32AP7002 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT32AP7002
Description  AVR 32 32-bit Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7002 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT32AP7002_09 Datasheet HTML 35Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 36Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 37Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 38Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 39Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 40Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 41Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 42Page - ATMEL Corporation AT32AP7002_09 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
32054FS–AVR32–09/09
AT32AP7002
9.
Ordering Information
Table 9-1.
Ordering Information
Ordering Code
Package
Package Type
Packing
Temperature
Operating Range
AT32AP7002-CTUR
CTBGA196
Green
Reel
Industrial (-40°C to 85°C)
AT32AP7002-CTUT
CTBGA196
Green
Tray
Industrial (-40°C to 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com