Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5380 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5380
Description  High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5380 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5380 Datasheet HTML 1Page - Micrel Semiconductor MIC5380 Datasheet HTML 2Page - Micrel Semiconductor MIC5380 Datasheet HTML 3Page - Micrel Semiconductor MIC5380 Datasheet HTML 4Page - Micrel Semiconductor MIC5380 Datasheet HTML 5Page - Micrel Semiconductor MIC5380 Datasheet HTML 6Page - Micrel Semiconductor MIC5380 Datasheet HTML 7Page - Micrel Semiconductor MIC5380 Datasheet HTML 8Page - Micrel Semiconductor MIC5380 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5380/1
November 2008
3
M9999-110608-A
Ordering Information
Lead Free
Part Number
(1)
Manufacturing
Part Number
Marking
Code
(2)
Voltage1
Voltage2
Junction
Temp. Range
Package
(3)
MIC5380-3.3/3.3YFT
MIC5380-SSYFT
S2
3.3V
3.3V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5380-3.0/3.0YFT
MIC5380-PPYFT
2P
3.0V
3.0V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5380-2.85/1.8YFT
MIC5380-NGYFT
NG
2.85V
1.8V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5380-2.8/1.8YFT
MIC5380-MGYFT
GM
2.8V
1.8V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5380-2.8/1.2YFT
MIC5380-M4YFT
4M
2.8V
1.2V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5380-2.7/2.7YFT
MIC5380-LLYFT
2L
2.7V
2.7V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5380-2.6/2.0YFT
MIC5380-KHYFT
KH
2.6V
2.0V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5380-1.8/1.2YFT
MIC5380-G4YFT
4G
1.8V
1.2V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5381-3.3/3.3YFT *
MIC5381-SSYFT
MK
3.3V
3.3V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5381-3.0/3.0YFT *
MIC5381-PPYFT
MF
3.0V
3.0V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5381-2.8/1.8YFT *
MIC5381-MGYFT
MG
2.8V
1.8V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5381-2.8/1.2YFT *
MIC5381-M4YFT
M4
2.8V
1.2V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
MIC5381-1.8/1.2YFT *
MIC5381-G4YFT
G4
1.8V
1.2V
–40° to +125°C
6-Pin 1x1 Thin MLF
®
Note:
1.
Other voltages available. Contact Micrel for details.
2.
Thin MLF
® Pin 1 Identifier = ▲.
3.
Thin MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
*
MIC5381 offers Auto-Discharge function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com