Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII9261 Datasheet(PDF) 2 Page - Silicon image

Part # SII9261
Description  VastLane Input Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9261 Datasheet(HTML) 2 Page - Silicon image

  SII9261 Datasheet HTML 1Page - Silicon image SII9261 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiI9261 Starter Kit
(CP9261HDMI/ADC)
Contents include:
Hardware
• SiI9261 input processor
daughter board
• SiI9134 transmitter daughter
board
• Motherboard
• HDMI to HDMI cable
Software
• Simon receiver software
tool
Documentation
• User's guide
• Schematics
• Bill of materials (BOM)
SiI9261 Features
Industry-Standard Compliance
• HDMI 1.3
• DVI 1.0
• HDCP 1.1
• ITU-656
• EIA/CEA-861D
HDMI/MHL Inputs
• InstaPort fast port switching technology
• Four HDMI / MHL inputs
• Resolution support up to 1080p @ 60Hz or
720p/1080i @ 120Hz with 36-bit color via
HDMI or 1080p @ 30Hz or 720/ 1080i @
60Hz with 24-bit color via MHL
• Integrated RGB-to-YCbCr color space conver-
sion with 12-bit accuracy
• x.v.Color support
• 4:2:2 to 4:4:4 converter with 14-bit accuracy
• Integrated CEC Consumer Electronics Control
• Integrated EDID for each HDMI Port
Analog Video Inputs
• Video format detection in hardware
• 4x12-bit ADC @ 170 MSPS conversion rate
• 1.4 Vp-p analog input range
• Supports RGB and component (YPbPr) video
signals up to 1080p
• D1/D2/D3/D4/D5 D-Connector support
SCART FB inputs delay matched and multi-
plexed to one FB output
• Macrovision (Level 1) detection and handling
System Operation
• Register-programmable via slave I2C interface
• Auto video mode simplifies design
• Auto audio mode allows more robust system
• Flexible interrupt registers with interrupt pin
Digital Audio Output
• Industry-standard S/PDIF and I
2C output
• Supports High Bit-Rate (HBR) Audio, Super
Audio CD (SACD) and DVD-Audio:
- 2-channel 32-192kHz or
- 8-channel 32-192kHz
• Programmable I
2S output supports numerous
low-cost audio DACs
• Supports IEC60958 2-channel PCM
• Capable of receiving IEC61937 compressed
audio (Dolby
® Digital, DTS, etc.)
Content Protection
• Integrated HDCP cipher engine
• Pre-programmed HDCP keys
• Built-in HDCP self-test
Power Management
• Low standby power mode with auxiliary
power mode for CEC and EDID support
Package
• 208-pin LQFP
Copyright © 2008 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SiI9261, MHL, Mobile High-definition Link, InstaPort, the InstaPort logo, VastLane, and the VastLane logo are trade-
marks or registered trademarks of Silicon Image, Inc. in the United States and/or other countries. HDMI, the HDMI logo, High-Definition Multimedia Interface, are trademarks or registered trademarks in the United
States and/or other countries and are used under license from HDMI Licensing, LLC. All other trademarks are the property of their respective owner in the United States and/or other countries. Product specifications
are subject to change without notice.
Part Number: SiI9261CLU
SiI-PB-1047 rev1 9/08
Silicon Image, Inc.
1060 E. Arques Avenue
Sunnyvale, CA 94085
T 408.616.4000
F 408.830.9530
www.siliconimage.com
InstaPort technology dramatically reduces the wait
time when switching between HDMI sources by per-
forming background HDCP authentication with all
source devices connected to the DTV. Since the authentication process is done on all ports simultane-
ously, when a new input is selected by the viewer it can begin streaming content immediately without
waiting for HDCP authentication. As consumers continue to connect an increasing number of devices to
their A/V Receivers—from DVD players and game consoles to PCs and set top boxes—switching
between them with limited delay becomes an increasingly desired feature.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com