Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28C040 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT28C040
Description  4-Megabit (512K x 8) Paged Parallel EEPROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C040 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT28C040 Datasheet HTML 7Page - ATMEL Corporation AT28C040 Datasheet HTML 8Page - ATMEL Corporation AT28C040 Datasheet HTML 9Page - ATMEL Corporation AT28C040 Datasheet HTML 10Page - ATMEL Corporation AT28C040 Datasheet HTML 11Page - ATMEL Corporation AT28C040 Datasheet HTML 12Page - ATMEL Corporation AT28C040 Datasheet HTML 13Page - ATMEL Corporation AT28C040 Datasheet HTML 14Page - ATMEL Corporation AT28C040 Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
0542F–PEEPR–2/09
AT28C040
26. Packaging Information
26.1
32F – Flatpack
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
32F, 32-lead, Non-windowed, Ceramic Bottom-brazed
Flat Package (FlatPack)
B
32F
10/21/03
Dimensions in Millimeters and (Inches).
Controlling dimension: Inches.
JEDEC Outline MO-115 AA
PIN #1 ID
9.40(0.370)
6.86(0.270)
0.51(0.020)
0.38(0.015)
1.27(0.050) BSC
1.14(0.045) MAX
3.05(0.120)
2.49(0.098)
1.14(0.045)
0.66(0.026)
1.83(0.072)
0.76(0.030)
10.36(0.408)
9.02(0.355)
0.18(0.007)
0.10(0.004)
12.40(0.488)
11.99(0.472)
21.08(0.830)
20.60(0.811)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com