Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16 Datasheet(PDF) 354 Page - ATMEL Corporation

Part # ATmega16
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Datasheet(HTML) 354 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 349Page - ATMEL Corporation ATmega16 Datasheet HTML 350Page - ATMEL Corporation ATmega16 Datasheet HTML 351Page - ATMEL Corporation ATmega16 Datasheet HTML 352Page - ATMEL Corporation ATmega16 Datasheet HTML 353Page - ATMEL Corporation ATmega16 Datasheet HTML 354Page - ATMEL Corporation ATmega16 Datasheet HTML 355Page - ATMEL Corporation ATmega16 Datasheet HTML 356Page - ATMEL Corporation ATmega16 Datasheet HTML 357Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 354 / 357 page
background image
v
2466S–AVR–05/09
ATmega16(L)
Electrical Characteristics 291
Absolute Maximum Ratings* 291
DC Characteristics 291
External Clock Drive Waveforms 293
External Clock Drive 293
Two-wire Serial Interface Characteristics 294
SPI Timing Characteristics 295
ADC Characteristics 297
ATmega16 Typical Characteristics 299
Register Summary 331
Instruction Set Summary 333
Ordering Information 336
Packaging Information 337
44A 337
40P6 338
44M1 339
Errata 340
ATmega16(L) Rev. M 340
ATmega16(L) Rev. L 340
ATmega16(L) Rev. K 341
ATmega16(L) Rev. J 342
ATmega16(L) Rev. I 343
ATmega16(L) Rev. H 344
Datasheet Revision History 345
Rev. 2466S-05/09 345
Rev. 2466R-06/08 345
Rev. 2466Q-05/08 345
Rev. 2466P-08/07 345
Rev. 2466O-03/07 345
Rev. 2466N-10/06 345
Rev. 2466M-04/06 346
Rev. 2466L-06/05 346
Rev. 2466K-04/05 346
Rev. 2466J-10/04 346
Rev. 2466I-10/04 346
Rev. 2466H-12/03 346
Rev. 2466G-10/03 346
Rev. 2466F-02/03 347
Rev. 2466E-10/02 348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com