Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16 Datasheet(PDF) 352 Page - ATMEL Corporation

Part # ATmega16
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Datasheet(HTML) 352 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 348Page - ATMEL Corporation ATmega16 Datasheet HTML 349Page - ATMEL Corporation ATmega16 Datasheet HTML 350Page - ATMEL Corporation ATmega16 Datasheet HTML 351Page - ATMEL Corporation ATmega16 Datasheet HTML 352Page - ATMEL Corporation ATmega16 Datasheet HTML 353Page - ATMEL Corporation ATmega16 Datasheet HTML 354Page - ATMEL Corporation ATmega16 Datasheet HTML 355Page - ATMEL Corporation ATmega16 Datasheet HTML 356Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 357 page
background image
iii
2466S–AVR–05/09
ATmega16(L)
8-bit Timer/Counter2 with PWM and Asynchronous Operation 117
Overview 117
Timer/Counter Clock Sources 118
Counter Unit 118
Output Compare Unit 119
Compare Match Output Unit 121
Modes of Operation 122
Timer/Counter Timing Diagrams 126
8-bit Timer/Counter Register Description 128
Asynchronous Operation of the Timer/Counter 131
Timer/Counter Prescaler 134
Serial Peripheral Interface – SPI 135
SS Pin Functionality 140
Data Modes 143
USART 144
Overview 144
Clock Generation 145
Frame Formats 148
USART Initialization 149
Data Reception – The USART Receiver 154
Asynchronous Data Reception 157
Multi-processor Communication Mode 161
Accessing UBRRH/ UCSRC Registers 162
USART Register Description 163
Examples of Baud Rate Setting 168
Two-wire Serial Interface 172
Features 172
Two-wire Serial Interface Bus Definition 172
Data Transfer and Frame Format 173
Multi-master Bus Systems, Arbitration and Synchronization 176
Overview of the TWI Module 178
TWI Register Description 180
Using the TWI 183
Transmission Modes 186
Multi-master Systems and Arbitration 199
Analog Comparator 201
Analog Comparator Multiplexed Input 203
Analog to Digital Converter 204
Features 204
Operation 205
Starting a Conversion 206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com