Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16 Datasheet(PDF) 348 Page - ATMEL Corporation

Part # ATmega16
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Datasheet(HTML) 348 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 344Page - ATMEL Corporation ATmega16 Datasheet HTML 345Page - ATMEL Corporation ATmega16 Datasheet HTML 346Page - ATMEL Corporation ATmega16 Datasheet HTML 347Page - ATMEL Corporation ATmega16 Datasheet HTML 348Page - ATMEL Corporation ATmega16 Datasheet HTML 349Page - ATMEL Corporation ATmega16 Datasheet HTML 350Page - ATMEL Corporation ATmega16 Datasheet HTML 351Page - ATMEL Corporation ATmega16 Datasheet HTML 352Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 357 page
background image
348
2466S–AVR–05/09
ATmega16(L)
12. Various minor TWI corrections.
13. Added “Power Consumption” data in “Features” on page 1.
14. Added section “EEPROM Write During Power-down Sleep Mode” on page 22.
15. Added note about Differential Mode with Auto Triggering in “Prescaling and Conver-
sion Timing” on page 207.
16. Added updated “Packaging Information” on page 337.
Rev. 2466E-10/02
1.
Updated “DC Characteristics” on page 291.
Rev. 2466D-09/02
1.
Changed all Flash write/erase cycles from 1,000 to 10,000.
2.
Updated the following tables: Table 4 on page 26, Table 15 on page 38, Table 42 on
page 85, Table 45 on page 111, Table 46 on page 111, Table 59 on page 143, Table 67
on page 167, Table 90 on page 235, Table 102 on page 258, “DC Characteristics” on
page 291, Table 119 on page 293, Table 121 on page 295, and Table 122 on page 297.
3.
Updated “Errata” on page 340.
Rev. 2466C-03/02
1.
Updated typical EEPROM programming time, Table 1 on page 20.
2.
Updated typical start-up time in the following tables:
Table 3 on page 25, Table 5 on page 27, Table 6 on page 28, Table 8 on page 29, Table 9
on page 29, and Table 10 on page 29.
3.
Updated Table 17 on page 43 with typical WDT Time-out.
4.
Added Some Preliminary Test Limits and Characterization Data.
Removed some of the TBD's in the following tables and pages:
Table 15 on page 38, Table 16 on page 42, Table 116 on page 272 (table removed in docu-
ment review #D), “Electrical Characteristics” on page 291, Table 119 on page 293, Table
121 on page 295, and Table 122 on page 297.
5.
Updated TWI Chapter.
Added the note at the end of the “Bit Rate Generator Unit” on page 178.
6.
Corrected description of ADSC bit in “ADC Control and Status Register A – ADCSRA”
on page 219.
7.
Improved description on how to do a polarity check of the ADC doff results in “ADC
Conversion Result” on page 216.
8.
Added JTAG version number for rev. H in Table 87 on page 229.
9.
Added not regarding OCDEN Fuse below Table 105 on page 260.
10. Updated Programming Figures:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com