Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16 Datasheet(PDF) 346 Page - ATMEL Corporation

Part # ATmega16
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Datasheet(HTML) 346 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 342Page - ATMEL Corporation ATmega16 Datasheet HTML 343Page - ATMEL Corporation ATmega16 Datasheet HTML 344Page - ATMEL Corporation ATmega16 Datasheet HTML 345Page - ATMEL Corporation ATmega16 Datasheet HTML 346Page - ATMEL Corporation ATmega16 Datasheet HTML 347Page - ATMEL Corporation ATmega16 Datasheet HTML 348Page - ATMEL Corporation ATmega16 Datasheet HTML 349Page - ATMEL Corporation ATmega16 Datasheet HTML 350Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 357 page
background image
346
2466S–AVR–05/09
ATmega16(L)
4.
Updated C code example in “USART Initialization” on page 149.
5.
Updated “Errata” on page 340.
Rev. 2466M-04/06
1.
Updated typos.
2.
Updated “Serial Peripheral Interface – SPI” on page 135.
3.
Updated Table 86 on page 221, Table 116 on page 276 ,Table 121 on page 295 and
Table 122 on page 297.
Rev. 2466L-06/05
1.
Updated note in “Bit Rate Generator Unit” on page 178.
2.
Updated values for V
INT in “ADC Characteristics” on page 297.
3.
Updated “Serial Programming Instruction set” on page 276.
4.
Updated USART init C-code example in “USART” on page 144.
Rev. 2466K-04/05
1.
Updated “Ordering Information” on page 336.
2.
MLF-package alternative changed to “Quad Flat No-Lead/Micro Lead Frame Package
QFN/MLF”.
3.
Updated “Electrical Characteristics” on page 291.
Rev. 2466J-10/04
1.
Updated “Ordering Information” on page 336.
Rev. 2466I-10/04
1.
Removed references to analog ground.
2.
Updated Table 7 on page 28, Table 15 on page 38, Table 16 on page 42, Table 81 on
page 209, Table 116 on page 276, and Table 119 on page 293.
3.
Updated “Pinout ATmega16” on page 2.
4.
Updated features in “Analog to Digital Converter” on page 204.
5.
Updated “Version” on page 229.
6.
Updated “Calibration Byte” on page 261.
7.
Added “Page Size” on page 262.
Rev. 2466H-12/03
1.
Updated “Calibrated Internal RC Oscillator” on page 29.
Rev. 2466G-10/03
1.
Removed “Preliminary” from the datasheet.
2.
Changed ICP to ICP1 in the datasheet.
3.
Updated “JTAG Interface and On-chip Debug System” on page 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com