Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega16 Datasheet(PDF) 345 Page - ATMEL Corporation

Part # ATmega16
Description  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16 Datasheet(HTML) 345 Page - ATMEL Corporation

Back Button ATmega16 Datasheet HTML 341Page - ATMEL Corporation ATmega16 Datasheet HTML 342Page - ATMEL Corporation ATmega16 Datasheet HTML 343Page - ATMEL Corporation ATmega16 Datasheet HTML 344Page - ATMEL Corporation ATmega16 Datasheet HTML 345Page - ATMEL Corporation ATmega16 Datasheet HTML 346Page - ATMEL Corporation ATmega16 Datasheet HTML 347Page - ATMEL Corporation ATmega16 Datasheet HTML 348Page - ATMEL Corporation ATmega16 Datasheet HTML 349Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 357 page
background image
345
2466S–AVR–05/09
ATmega16(L)
Datasheet
Revision
History
Please note that the referring page numbers in this section are referred to this document. The
referring revision in this section are referring to the document revision.
Rev. 2466S-05/09
1.
Updated “Errata” on page 340.
2.
Updated the last page with Atmel’s new adresses.
Rev. 2466R-06/08
1.
Added “Not recommended for new designs” note in Figure on page 1.
Rev. 2466Q-05/08
1.
Updated “Fast PWM Mode” on page 77 in “8-bit Timer/Counter0 with PWM” on page
71:
– Removed the last section describing how to achieve a frequency with 50% duty
cycle waveform output in fast PWM mode.
2.
Removed note from Feature list in “Analog to Digital Converter” on page 204.
3.
Removed note from Table 84 on page 218.
4.
Updated “Ordering Information” on page 336:
- Commercial ordering codes removed.
- Non Pb-free package option removed.
Rev. 2466P-08/07
1.
Updated “Features” on page 1.
2.
Added “Data Retention” on page 6.
3.
Updated “Errata” on page 340.
4.
Updated “Slave Mode” on page 140.
Rev. 2466O-03/07
1.
Updated “Calibrated Internal RC Oscillator” on page 29.
2.
Updated C code example in “USART Initialization” on page 149.
3.
Updated “ATmega16 Boundary-scan Order” on page 241.
4.
Removed “premilinary” from “ADC Characteristics” on page 297.
5.
Updated from V to mV in “I/O Pin Input Hysteresis vs. VCC” on page 317.
6.
Updated from V to mV in “Reset Input Pin Hysteresis vs. VCC” on page 318.
Rev. 2466N-10/06
1.
Updated “Timer/Counter Oscillator” on page 31.
2.
Updated “Fast PWM Mode” on page 102.
3.
Updated Table 38 on page 83, Table 40 on page 84, Table 45 on page 111, Table 47 on
page 112, Table 50 on page 128 and Table 52 on page 129.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com