Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega162-16AI Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATmega162-16AI
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega162-16AI Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATmega162-16AI Datasheet HTML 53Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 54Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 55Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 56Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 57Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 58Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 59Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 60Page - ATMEL Corporation ATmega162-16AI Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 324 page
background image
57
2513K–AVR–07/09
ATmega162/V
Interrupts
This section describes the specifics of the interrupt handling as performed in ATmega162. For a
general explanation of the AVR interrupt handling, refer to “Reset and Interrupt Handling” on
page 14. Table 24 shows the interrupt table when the compatibility fuse (M161C) is unpro-
grammed, while Table 25 shows the interrupt table when M161C Fuse is programmed. All
assembly code examples in this sections are using the interrupt table when the M161C Fuse is
unprogrammed.
Interrupt Vectors
in ATmega162
Table 24. Reset and Interrupt Vectors if M161C is unprogrammed
Vector No.
Program
Address(2)
Source
Interrupt Definition
10x000(1)
RESET
External Pin, Power-on Reset, Brown-out
Reset, Watchdog Reset, and JTAG AVR
Reset
2
0x002
INT0
External Interrupt Request 0
3
0x004
INT1
External Interrupt Request 1
4
0x006
INT2
External Interrupt Request 2
5
0x008
PCINT0
Pin Change Interrupt Request 0
6
0x00A
PCINT1
Pin Change Interrupt Request 1
7
0x00C
TIMER3 CAPT
Timer/Counter3 Capture Event
8
0x00E
TIMER3 COMPA
Timer/Counter3 Compare Match A
9
0x010
TIMER3 COMPB
Timer/Counter3 Compare Match B
10
0x012
TIMER3 OVF
Timer/Counter3 Overflow
11
0x014
TIMER2 COMP
Timer/Counter2 Compare Match
12
0x016
TIMER2 OVF
Timer/Counter2 Overflow
13
0x018
TIMER1 CAPT
Timer/Counter1 Capture Event
14
0x01A
TIMER1 COMPA
Timer/Counter1 Compare Match A
15
0x01C
TIMER1 COMPB
Timer/Counter1 Compare Match B
16
0x01E
TIMER1 OVF
Timer/Counter1 Overflow
17
0x020
TIMER0 COMP
Timer/Counter0 Compare Match
18
0x022
TIMER0 OVF
Timer/Counter0 Overflow
19
0x024
SPI, STC
Serial Transfer Complete
20
0x026
USART0, RXC
USART0, Rx Complete
21
0x028
USART1, RXC
USART1, Rx Complete
22
0x02A
USART0, UDRE
USART0 Data Register Empty
23
0x02C
USART1, UDRE
USART1 Data Register Empty
24
0x02E
USART0, TXC
USART0, Tx Complete
25
0x030
USART1, TXC
USART1, Tx Complete
26
0x032
EE_RDY
EEPROM Ready
27
0x034
ANA_COMP
Analog Comparator
28
0x036
SPM_RDY
Store Program Memory Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com