Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081D Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB081D
Description  8-megabit 2.5-volt or 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081D Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB081D Datasheet HTML 1Page - ATMEL Corporation AT45DB081D Datasheet HTML 2Page - ATMEL Corporation AT45DB081D Datasheet HTML 3Page - ATMEL Corporation AT45DB081D Datasheet HTML 4Page - ATMEL Corporation AT45DB081D Datasheet HTML 5Page - ATMEL Corporation AT45DB081D Datasheet HTML 6Page - ATMEL Corporation AT45DB081D Datasheet HTML 7Page - ATMEL Corporation AT45DB081D Datasheet HTML 8Page - ATMEL Corporation AT45DB081D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
2
3596L–DFLASH–04/09
AT45DB081D
the DataFlash uses a RapidS serial interface to sequentially access its data. The simple sequen-
tial access dramatically reduces active pin count, facilitates hardware layout, increases system
reliability, minimizes switching noise, and reduces package size. The device is optimized for use
in many commercial and industrial applications where high-density, low-pin count, low-voltage
and low-power are essential.
To allow for simple in-system reprogrammability, the AT45DB081D does not require high input
voltages for programming. The device operates from a single power supply, 2.5V to 3.6V or 2.7V
to 3.6V, for both the program and read operations. The AT45DB081D is enabled through the
chip select pin (CS) and accessed via a three-wire interface consisting of the Serial Input (SI),
Serial Output (SO), and the Serial Clock (SCK).
All programming and erase cycles are self-timed.
2. Pin Configurations and Pinouts
Note:
1. The metal pad on the bottom of the MLF package is floating. This pad can be a “No Connect”
or connected to GND.
Figure 2-1.
MLF (VDFN) Top View
Figure 2-2.
SOIC Top View
SI
SCK
RESET
CS
SO
GND
VCC
WP
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
SI
SCK
RESET
CS
SO
GND
VCC
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com