Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA102STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LDA102STR
Description  Unidirectional-Input, Single-Transistor Output Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA102STR Datasheet(HTML) 1 Page - Clare, Inc.

  LDA102STR Datasheet HTML 1Page - Clare, Inc. LDA102STR Datasheet HTML 2Page - Clare, Inc. LDA102STR Datasheet HTML 3Page - Clare, Inc. LDA102STR Datasheet HTML 4Page - Clare, Inc. LDA102STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-LDA102-R01
1
LDA102
Unidirectional-Input, Single-Transistor Output
Optocoupler
Part Number
Description
LDA102
6-Pin DIP (50/Tube)
LDA102S
6-Pin Surface Mount (50/Tube)
LDA102STR
6-Pin Surface Mount (1000/Reel)
Parameter
Rating
Units
Breakdown Voltage
30
V
P
Current Transfer Ratio (Minimum)
50
%
Saturation Voltage
0.5
V
Input Control Current
1
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Sensor Circuitry
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment:
Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Small 6-Pin Package, Thru-Hole or Surface Mount
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
rms Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
The LDA102 is a unidirectional-input optocoupler
with a single transistor output. Optically coupled
technology provides a 3750V
rms isolation barrier
between the input and the output.
Approvals
• UL Recognized Component: File # E76270
• EN/IEC 60950-1 Compliant
1
3
2
4
5
6
A
K
N/C
B
C
E


Similar Part No. - LDA102STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDA102STR IXYS-LDA102STR Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
More results

Similar Description - LDA102STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1001N CLARE-CPC1001N Datasheet
109Kb / 4P
Unidirectional Input, Single-Transistor Output Optocoupler
LDA111 CLARE-LDA111_1 Datasheet
116Kb / 5P
Unidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
CPC1001N IXYS-CPC1001N Datasheet
125Kb / 5P
Optocoupler: Unidirectional Input, Single-Transistor Output
LDA100 IXYS-LDA100 Datasheet
120Kb / 6P
Optocoupler, Bidirectional Input Single-Transistor Output
LDA101 IXYS-LDA101 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA102 IXYS-LDA102 Datasheet
120Kb / 6P
Optocoupler, Unidirectional Input Single-Transistor Output
LDA110 IXYS-LDA110 Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
LDA111 IXYS-LDA111 Datasheet
118Kb / 6P
Optocoupler, Unidirectional Input Darlington-Transistor Output
LDA201 IXYS-LDA201 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
LDA203 IXYS-LDA203 Datasheet
120Kb / 6P
Dual Optocouplers, Unidirectional Input Single-Transistor Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com