Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697E Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT697E
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697E Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT697E Datasheet HTML 45Page - ATMEL Corporation AT697E Datasheet HTML 46Page - ATMEL Corporation AT697E Datasheet HTML 47Page - ATMEL Corporation AT697E Datasheet HTML 48Page - ATMEL Corporation AT697E Datasheet HTML 49Page - ATMEL Corporation AT697E Datasheet HTML 50Page - ATMEL Corporation AT697E Datasheet HTML 51Page - ATMEL Corporation AT697E Datasheet HTML 52Page - ATMEL Corporation AT697E Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 154 page
background image
48
AT697E
4226G–AERO–05/09
Figure 34. I/O port block diagram - D[15:0]
configuring the pin
The upper 16 bits of the general purpose interface can only be configured as outputs or
inputs on byte basis. D[15:8] is referenced as the medium byte when D[7:0] is refer-
enced as the lower byte.
Each byte from D[15:0] consists of two register fields. As shown in the “Register
Description” section, the direction fields are accessed at IODIR address when data
fields at IODAT address.
The MEDDIR bit and the LOWDIR bit in the IODIR register select the direction for
respectively the medium byte ( D[15:8] ) and the lower byte ( D[7:0] ). If MEDDIR (or
LOWDIR) is written logic one, the corresponding byte in D[15:0] is configured as output.
If written logic zero, the byte is configured as an input.
When configured as an input, a read of the MEDDAT fileds in IODAT register returns the
current value of D[15:8]. When configured as an output, the logical value from MEDDAT
field in IODAT register is translated in physical values on D[15:8] bus.
When configured as an input, a read of the LOWDAT fileds in IODAT register returns the
current value of D[7:0]. When configured as an output, the logical value from LOWDAT
field in IODAT register is translated in physical values on D[7:0] bus.
switching between input &
output
When the medium byte (or the lower) is switched from input to output by switching MED-
DIR (or LOWDIR), the value of MEDDAT (or LOWDAT) is immediatly driven on the
corresponding pin. When switched from output to input by toggling MEDDIR (or
LOWDIR), the value from the pins are immediatly written to MEDDAT (or LOWDAT).
GPI Alternate functions
Most GPI pins have alternate functions in addition to being general I/O. Facilities like
serial communication link, interrupt input and configuration are made available through
these functions. The following table summaryses the assignement of the alternate
functions.
Table 17. GPI alternate functions
IO Direction Reg.
IO Data Reg.
MEDDIR/LOWDIR
MEDDAT/LOWDAT
D Q
D
Q
D Q
Dx
clock
GPI port pin
Alternate function
PIO[15]
TXD1 - UART1 transmitter data
PIO[14]
RXD1 - UART1 receiver data
PIO[13]
RTS1 - UART1 request-to-send
PIO[12]
CTS1 - UART1 clear-to-send
PIO[11]
TXD2 - UART2 transmitter data
PIO[10]
RXD2 - UART2 receiver data
PIO[9]
RTS2 - UART2 request-to-send



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com