Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045ST Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBR3045ST
Description  SWITCHMODE??Power Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBR3045ST Datasheet(HTML) 1 Page - Motorola, Inc

  MBR3045ST Datasheet HTML 1Page - Motorola, Inc MBR3045ST Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Rectifier Device Data
Advance Information
SWITCHMODE™ Power Rectifier
...using the Schottky Barrier principle with a platinum barrier metal. This
state–of–the–art device has the following features:
• Dual Diode Construction — Terminals 1 and 3 May Be
Connected for Parallel Operation at Full Rating
• 45 V Blocking Voltage
• Low Forward Voltage Drop
• Guardring for Stress Protection
• 150°C Operating Junction Temperature
• Guaranteed Reverse Avalanche
Mechanical Characteristics
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for 10
Seconds
• Shipped 50 Units Per Plastic Tube
• Marking: B3045
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Current
Per Device
TC = 130°C
Per Diode
IF(AV)
30
15
Amps
Peak Repetitive Forward Current, Per Diode (Square Wave, VR = 45 V, 20 kHz)
IFRM
30
Amps
Non Repetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
Amps
Peak Repetitive Reverse Current, Per Diode (2.0
µs, 1.0 kHz)
IRRM
2.0
Amps
Operating Junction Temperature
TJ
– 65 to +150
°C
Storage Temperature
Tstg
– 65 to +175
°C
Peak Surge Junction Temperature (Forward Current Applied)
TJ(pk)
175
°C
Voltage Rate of Change (Rated VR)
dV/dt
10000
V/
µs
THERMAL CHARACTERISTICS PER DIODE
Thermal Resistance, Junction to Case
R
θJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE
Instantaneous Forward Voltage (1)
(IF = 30 Amp, TC = 25°C)
(IF = 30 Amp, TC = 125°C)
(IF = 20 Amp, TC = 125°C)
VF
0.76
0.72
0.60
Volts
Instantaneous Reverse Current (1)
(VR = 45 Volts, TC = 25°C)
(VR = 45 Volts, TC = 125°C)
IR
0.2
40
mA
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
SWITCHMODE is a trademark of Motorola Inc.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MBR3045ST/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
3
12
4
MBR3045ST
SCHOTTKY BARRIER
RECTIFIER
30 AMPERES
45 VOLTS
CASE 221A–06, STYLE 6
(TO–220AB)
Motorola Preferred Device
1
3
4
2
Rev 1


Similar Part No. - MBR3045ST

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MBR3045ST MICROSEMI-MBR3045ST Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
MBR3045ST ONSEMI-MBR3045ST Datasheet
132Kb / 5P
SWITCHMODE??Power Rectifier
May, 2008 ??Rev. 7
logo
Pan Jit International I...
MBR3045ST PANJIT-MBR3045ST Datasheet
52Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
MBR3045ST ONSEMI-MBR3045ST Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR3045ST ONSEMI-MBR3045ST Datasheet
94Kb / 5P
Switch?릑ode Power Rectifier
September, 2014 ??Rev. 9
More results

Similar Description - MBR3045ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com