Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM9263-CU Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT91SAM9263-CU
Description  AT91 ARM Thumb Microcontrollers
PDF  1110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9263-CU Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT91SAM9263-CU Datasheet HTML 25Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 26Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 27Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 28Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 29Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 30Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 31Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 32Page - ATMEL Corporation AT91SAM9263-CU Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1110 page
background image
29
6249H–ATARM–27-Jul-09
AT91SAM9263 Preliminary
9.2
Reset Controller
• Based on two Power-on-Reset cells
– One on VDDBU and one on VDDCORE
• Status of the last reset
– Either general reset (VDDBU rising), wake-up reset (VDDCORE rising), software
reset, user reset or watchdog reset
• Controls the internal resets and the NRST pin output
– Allows shaping a reset signal for the external devices
9.3
Shutdown Controller
• Shutdown and Wake-up logic
– Software programmable assertion of the SHDN pin (SHDN is push-pull)
– Deassertion programmable on a WKUP pin level change or on alarm
9.4
Clock Generator
• Embeds the low-power 32768 Hz Slow Clock Oscillator
– Provides the permanent Slow Clock SLCK to the system
• Embeds the Main Oscillator
– Oscillator bypass feature
– Supports 3 to 20 MHz crystals
• Embeds 2 PLLs
– Output 80 to 240 MHz clocks
– Integrates an input divider to increase output accuracy
– 1 MHz Minimum input frequency
Figure 9-2.
Clock Generator Block Diagram
Power
Management
Controller
XIN
XOUT
PLLRCA
Slow Clock
SLCK
Main Clock
MAINCK
PLLA Clock
PLLACK
Control
Status
PLL and
Divider B
PLLRCB
PLLB Clock
PLLBCK
XIN32
XOUT32
Slow Clock
Oscillator
Main
Oscillator
PLL and
Divider A
Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com