Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOC117STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LOC117STR
Description  Linear Optocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC117STR Datasheet(HTML) 2 Page - Clare, Inc.

  LOC117STR Datasheet HTML 1Page - Clare, Inc. LOC117STR Datasheet HTML 2Page - Clare, Inc. LOC117STR Datasheet HTML 3Page - Clare, Inc. LOC117STR Datasheet HTML 4Page - Clare, Inc. LOC117STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
LOC117
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Input Characteristics @ 25°C
LED Voltage Drop
I
F=2-10mA
V
F
0.9
1.2
1.4
V
Reverse LED Current
V
R=5V
I
R
-
-
10
µA
Coupler/Detector Characteristics @ 25°C
Dark Current
I
F=0mA, VCB=15V
I
CBO
-
1
25
nA
K1, Servo Gain (I
1/IF)
I
F=2-10mA, VCB1=15V
K1
0.008
-
0.030
-
K2, Forward Gain (I
2/IF)
I
F=2-10mA, VCB2=15V
K2
0.006
-
0.030
-
K3, Transfer Gain (K
2/K1)
I
F=2-10mA, VCB1=VCB2=15V
K3
0.887
1.0
1.072
-
K3, Transfer Gain Linearity (non-servoed)
I
F=2-10mA
K3
-
-
1.0
%
K3 Temperature Coefficient
I
F=2-10mA, Vdet=-5V
K3/∆T
-
0.005
-
%/°C
Common Mode Rejection Ratio
V=20V
PP, RL=2KΩ,
f=100Hz
CMRR
-
130
-
dB
Total Harmonic Distortion
f
O=350Hz, 0dBm
THD
-96
-87
-80
dB
Frequency Response
Photoconductive Operation
f
-3dB
-
200
-
kHz
Photovoltaic Operation
f
-3dB
-
40
-
kHz
Common Characteristics @ 25°C
Input/Output Capacitance
-
C
I/O
-
3
-
pF
Parameter
Ratings
Units
Reverse Input Voltage
5
V
Input Control Current
100
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Package Dissipation 2
500
mW
Isolation Voltage Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 1.33 mW/°C
2 Derate Linearly 6.67 mW/°C
Electrical absolute maximum ratings are at 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com