Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOC211PTR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LOC211PTR
Description  Linear Optocouplers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC211PTR Datasheet(HTML) 2 Page - Clare, Inc.

  LOC211PTR Datasheet HTML 1Page - Clare, Inc. LOC211PTR Datasheet HTML 2Page - Clare, Inc. LOC211PTR Datasheet HTML 3Page - Clare, Inc. LOC211PTR Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
2
LOC211P
Rev. 4.4
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Input Characteristics @ 25°C
LED Voltage Drop
I
F=2-10mA
V
F
0.9
1.2
1.4
V
Reverse LED Current
V
R=5V
I
R
-
-
10
µA
Coupler/Detector Characteristics @ 25°C
Dark Current
I
F=0mA, VCC=15V
I
D
-1
25
nA
K1, Servo Gain (I
1/IF)IF=2-10mA, VCC=15V
K1
0.008
-
0.030
-
K2, Forward Gain (I
2/IF)IF=2-10mA, VCC=15V
K2
0.006
-
0.030
-
K3, Transfer Gain (K
2/K1)IF=2-10mA, VCC=15V
K3
0.733
-
1.072
-
∆K3, Transfer Gain Linearity
I
F=2-10mA
∆K3
-
-
1.0
%
(non-servoed)
K3 Temperature Coefficient
I
F=2-10mA, Vdet=-5V
∆K3/∆T
-
0.005
-
%/°C
Common Mode
V=20V
P-P, RL=2KΩ,
CMRR
-
130
-
dB
Rejection Ratio
F=100Hz
Total Harmonic Distortion
F
O=350Hz, 0dBm
THD
-96
-87
-80
dB
Frequency Response
Photoconductive Operation
BW (-3dB)
-
200
-
kHz
Photovoltaic Operation
BW (-3dB)
-
-
40
kHz
Input/Output Capacitance
-
C
I/O
-3
-
pF
NOTE: All parameters above are for each optocoupler.
Parameter
Min
Typ Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
100
mA
Input LED Reverse Voltage
-
-
5
V
Peak (10ms)
-
-
1
A
Total Package Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
-
-
+220
°C
(10 Seconds Max)
1 Derate Linearly 1.33 mW/°C
2 Derate Linearly 6.67 mW/°C
Absolute Maximum Ratings (@ 25o C)
Electrical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com