Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C33A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R8C33A
Description  RENESAS MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C33A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R8C33A Datasheet HTML 9Page - Renesas Technology Corp R8C33A Datasheet HTML 10Page - Renesas Technology Corp R8C33A Datasheet HTML 11Page - Renesas Technology Corp R8C33A Datasheet HTML 12Page - Renesas Technology Corp R8C33A Datasheet HTML 13Page - Renesas Technology Corp R8C33A Datasheet HTML 14Page - Renesas Technology Corp R8C33A Datasheet HTML 15Page - Renesas Technology Corp R8C33A Datasheet HTML 16Page - Renesas Technology Corp R8C33A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
R8C/33A Group
3. Memory
REJ03B0228-0100 Rev.1.00
Sep 10, 2009
Page 13 of 53
3.
Memory
3.1
R8C/33A Group
Figure 3.1 is a Memory Map of R8C/33A Group. The R8C/33A Group has a 1-Mbyte address space from addresses
00000h to FFFFFh. The internal ROM (program ROM) is allocated lower addresses, beginning with address
0FFFFh. For example, a 32-Kbyte internal ROM area is allocated addresses 08000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. The starting address of each interrupt
routine is stored here.
The internal ROM (data flash) is allocated addresses 03000h to 03FFFh.
The internal RAM is allocated higher addresses, beginning with address 00400h. For example, a 2.5-Kbyte internal
RAM area is allocated addresses 00400h to 00DFFh. The internal RAM is used not only for data storage but also as
a stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh and 02C00h to 02FFFh. Peripheral
function control registers are allocated here. All unallocated spaces within the SFRs are reserved and cannot be
accessed by users.
Figure 3.1
Memory Map of R8C/33A Group
0FFFFh
0FFDCh
Notes:
1. Data flash indicates block A (1 Kbyte), block B (1 Kbyte), block C (1 Kbyte), and block D (1 Kbyte).
2. The blank areas are reserved and cannot be accessed by users.
FFFFFh
0FFFFh
0YYYYh
0XXXXh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
02FFFh
02C00h
SFR
(Refer to 4. Special Function
Registers (SFRs))
ZZZZZh
Internal ROM
(program ROM)
03FFFh
03000h
Internal ROM
(data flash) (1)
0FFD8h
Reserved area
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
Address break
(Reserved)
Reset
Part Number
R5F21331ANFP, R5F21331ADFP
R5F21332ANFP, R5F21332ADFP
R5F21334ANFP, R5F21334ADFP
R5F21335ANFP, R5F21335ADFP
R5F21336ANFP, R5F21336ADFP
Internal ROM
Internal RAM
Size
Address 0YYYYh
Size
Address 0XXXXh
Address ZZZZZh
4 Kbytes
8 Kbytes
16 Kbytes
24 Kbytes
32 Kbytes
0F000h
0E000h
0C000h
0A000h
08000h
512 bytes
1 Kbyte
1.5 Kbytes
2 Kbytes
2.5 Kbytes
005FFh
007FFh
009FFh
00BFFh
00DFFh
−
−
−
−
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com