| Electronic Components Datasheet Search |
|
R5F6452MLFD Datasheet(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F6452MLFD Datasheet(HTML) 17 Page - Renesas Technology Corp |
|
17 / 133 page ![]() REJ03B0231-0102 Rev.1.02 Nov 30, 2009 Page 17 of 130 R32C/152 Group 2. Central Processing Unit (CPU) 2.1.8.5 Register Bank Select Flag (B flag) This flag selects a register bank. It indicates 0 when the register bank 0 is selected, and 1 when the register bank 1 is selected. 2.1.8.6 Overflow Flag (O flag) This flag becomes 1 if an overflow occurs in an operation; otherwise it is 0. 2.1.8.7 Interrupt Enable Flag (I flag) This flag enables maskable interrupts. To disable maskable interrupts, set this flag to 0. To enable them, set this flag to 1. When an interrupt is accepted, the flag becomes 0. 2.1.8.8 Stack Pointer Select Flag (U flag) To select the interrupt stack pointer (ISP), set this flag to 0. To select the user stack pointer (USP), set this flag to 1. It becomes 0 when a hardware interrupts is accepted or when an INT instruction designated by a software interrupt number from 0 to 127 is executed. 2.1.8.9 Floating-point Underflow Flag (FU flag) This flag becomes 1 when an underflow occurs in a floating-point operation; otherwise it is 0. It also becomes 1 when the operand has invalid numbers (subnormal numbers). 2.1.8.10 Floating-point Overflow Flag (FO flag) This flag becomes 1 when an overflow occurs in a floating-point operation; otherwise it is 0. It also becomes 1 when the operand has invalid numbers (subnormal numbers). 2.1.8.11 Processor Interrupt Priority Level (IPL) The processor interrupt priority level (IPL), consisting of three bits, selects a processor interrupt priority level from level 0 to 7. An interrupt is acceptable when the interrupt request level is higher than the selected IPL. When the processor interrupt priority level (IPL) is set to 111b (level 7), all interrupts are disabled. 2.1.8.12 Fixed-point Radix Point Designation Bit (DP bit) This bit designates the radix point. It also specifies which portion of the fixed-point multiplication result to take. It is used in the MULX instruction. 2.1.8.13 Floating-point Rounding Mode (RND) The 2-bit floating-point rounding mode selects a rounding mode for floating-point calculation results. 2.1.8.14 Reserved Only set this bit to 0. The read value is undefined. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |