Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6453MLFD Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F6453MLFD
Description  RENESAS MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6453MLFD Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F6453MLFD Datasheet HTML 44Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 45Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 46Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 47Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 48Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 49Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 50Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 51Page - Renesas Technology Corp R5F6453MLFD Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 147 page
background image
REJ03B0232-0102 Rev.1.02 Nov 30, 2009
Page 48 of 144
R32C/153 Group
4. Special Function Registers (SFRs)
Table 4.29
SFR List (29)
Address
Register
Symbol
Reset Value
044E50h to
044EFFh
044F00h
044F01h
044F02h
044F03h
044F04h
044F05h
044F06h SS0 Receive Data Register
SS0RDR
FFh
044F07h SS0 Receive Data Register (H)
SS0RDR (H)
FFh
044F08h SS0 Control Register H
SS0CRH
00h
044F09h SS0 Control Register L
SS0CRL
0111 1101b
044F0Ah SS0 Mode Register
SS0MR
0001 0000b
044F0Bh SS0 Enable Register
SS0ER
00h
044F0Ch SS0 Status Register
SS0SR
00h
044F0Dh SS0 Mode Register 2
SS0MR2
00h
044F0Eh SS0 Transmit Data Register
SS0TDR
FFh
044F0Fh SS0 Transmit Data Register (H)
SS0TDR (H)
FFh
044F10h
044F11h
044F12h
044F13h
044F14h
044F15h
044F16h SS1 Receive Data Register
SS1RDR
FFh
044F17h SS1 Receive Data Register (H)
SS1RDR (H)
FFh
044F18h SS1 Control Register H
SS1CRH
00h
044F19h SS1 Control Register L
SS1CRL
0111 1101b
044F1Ah SS1 Mode Register
SS1MR
0001 0000b
044F1Bh SS1 Enable Register
SS1ER
00h
044F1Ch SS1 Status Register
SS1SR
00h
044F1Dh SS1 Mode Register 2
SS1MR2
00h
044F1Eh SS1 Transmit Data Register
SS1TDR
FFh
044F1Fh SS1 Transmit Data Register (H)
SS1TDR (H)
FFh
044F20h
044F21h
044F22h
044F23h
044F24h
044F25h
044F26h SS2 Receive Data Register
SS2RDR
FFh
044F27h SS2 Receive Data Register (H)
SS2RDR (H)
FFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com