Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F64535LFD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F64535LFD
Description  RENESAS MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64535LFD Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F64535LFD Datasheet HTML 1Page - Renesas Technology Corp R5F64535LFD Datasheet HTML 2Page - Renesas Technology Corp R5F64535LFD Datasheet HTML 3Page - Renesas Technology Corp R5F64535LFD Datasheet HTML 4Page - Renesas Technology Corp R5F64535LFD Datasheet HTML 5Page - Renesas Technology Corp R5F64535LFD Datasheet HTML 6Page - Renesas Technology Corp R5F64535LFD Datasheet HTML 7Page - Renesas Technology Corp R5F64535LFD Datasheet HTML 8Page - Renesas Technology Corp R5F64535LFD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 147 page
background image
REJ03B0232-0102 Rev.1.02 Nov 30, 2009
Page 3 of 144
R32C/153 Group
1. Overview
Note:
1.
Please contact a Renesas sales office to use the version L products.
Table 1.2
R32C/153 Group Performance (2/2)
Unit
Function
Performance
Serial
Interface
UART0 to UART4
Asynchronous/synchronous serial interface × 5 channels
•I2C-bus (UART0 to UART2)
• Special mode 2 (UART0 to UART2)
A/D Converter
10-bit resolution × 34 channels
Sample and hold functionality integrated
Self Test/Open-Circuit Detection Assist
D/A Converter
8-bit resolution × 2
CRC Calculator
CRC-CCITT (X16 + X12 + X5 + 1)
X-Y Converter
16 bits × 16 bits
Intelligent I/O
Time measurement (input capture): 16 bits × 32
Digital debounce circuit contained
Waveform generation (output compare): 16 bits × 32
Phase shift waveform output mode contained
Serial Bus Interface
3 channels
• Synchronous serial communication mode
• 4-wire serial bus mode
Programmable character length: 8 to 16 bits
LIN Module
8 channels
CAN Module
4 channels
CAN functionality compliant with ISO11898-1
32 mailboxes
Flash Memory
Programming and erasure supply voltage: VCC = 3.0 to 5.5 V
Minimum endurance: 1,000 program/erase cycles
Security protection: ROM code protect, ID code protect
Debugging: On-chip debug, on-board flash programming
E2dataFlash
Minimum endurance: 100,000 program/erase cycles
Operating Frequency/Supply
Voltage
64 MHz/VCC = 3.0 to 5.5 V
Operating Temperature
-40°C to 85°C (version J)
-40°C to 105°C (version L) (1)
-40°C to 125°C (version K)
Current Consumption
43 mA (VCC = 5.0 V, f(CPU) = 64 MHz)
8 µA (VCC = 3.3 V, f(XCIN) = 32.768 kHz, wait mode)
Package
144-pin plastic molded LQFP (PLQP0144KA-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com