Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F64573LFD Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F64573LFD
Description  RENESAS MCU
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64573LFD Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F64573LFD Datasheet HTML 45Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 46Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 47Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 48Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 49Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 50Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 51Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 52Page - Renesas Technology Corp R5F64573LFD Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
REJ03B0234-0102 Rev.1.02 Nov 30, 2009
Page 49 of 129
R32C/157 Group
4. Special Function Registers (SFRs)
Table 4.30
SFR List (30)
Address
Register
Symbol
Reset Value
044F50h to
044FDFh
044FE0h E2dataFlash Address Register
E2FA
XXXX 0000h
044FE1h
044FE2h
044FE3h
044FE4h
044FE5h
044FE6h
044FE7h
044FE8h E2dataFlash Instruction Register
E2FI
XX00h
044FE9h
044FEAh
044FEBh
044FECh E2dataFlash Data Register
E2FD
XXXXh
044FEDh
044FEEh
044FEFh
044FF0h E2dataFlash Mode Register
E2FM
0000 0000b
044FF1h
044FF2h E2dataFlash Control Register
E2FC
XXXX XXX0b
044FF3h
044FF4h E2dataFlash Status Register 1
E2FS1
XXXX XXX0b
044FF5h
044FF6h
044FF7h
044FF8h
044FF9h
044FFAh
044FFBh
044FFCh
044FFDh
044FFEh
044FFFh
045000h
045001h E2dataFlash Status Register 0
E2FS0
XXXX XXXXb
045002h
045003h
045004h
045005h
045006h
045007h
045008h to
045FFFh
046000h to
0467FFh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com